Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9641A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9641A
Description  Triple Linear Regulator Controller Support ACPI Control Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9641A_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 9Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 10Page - Richtek Technology Corporation RT9641A_07 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT9641A/B
DS9641A/B-11 March 2007
www.richtek.com
7
this pin to the gate of a suitable N-MOS transistor or the
base of a suitable NPN transistor.
VSEN2 (Pin 16)
Connect this pin to the memory output (VOUT2). In sleep
states, this pin is regulated to 2.5V(2.6V) or 3.3V(3.43V)
(based on RSEL) through an internal pass transistor
capable of delivering 300mA (Typically). The active-state
voltage at this pin is regulated through an external NPN
or NMOS transistor connected at the DRV2 pin for both
2.5V(2.6V) and 3.3V(3.43V) setting. During all operating
states, the voltage at this pin is monitored for under-voltage
events.
Application Information
Operation
The RT9641A/B controls 3 output voltages. It is designed
for microprocessor computer applications with 3.3V, 5V,
5VSB, and 12V outputs from an ATX power supply. The IC
is composed of two linear controllers supplying the PCI
slots
' 3.3V
AUX power (3.3VDUAL, VOUT1) and the 2.5V
RDRAM or 3.3V SDRAM memory power (2.5V/3.3V
(2.6V/3.43V) VMEM, VOUT2), and a dual switch controller
supplying the 5V
DUAL
voltage (VOUT3). In addition, all the
control and monitoring functions necessary for complete
ACPI implementation are integrated into the RT9641A/B.
Initialization
The RT9641A/B automatically initializes upon receipt of
input power. The Power-On Reset (POR) function
continually monitors the 5VSB input supply voltage,
initiating soft-start operation after it exceeds its POR
threshold (in S4/S5 states). The 5VSB POR trip event is
also used to lock in the memory voltage setting based on
RSEL.
The RT9641A/B forces the operation mode to start from
S4/S5 states at POR releasing with 3.3VDUAL and 5VDUAL
voltages under control of EN3VDL and EN5VDL input
signals.
Table 2. 5VDUAL Output (VOUT3) Truth Table
Very similarly, Table 2 details the fact that EN5VDL status
controls whether the 5VDUAL plane supports sleeps states.
EN5VDL
S5 S3 5VDL
Comments
0
1
1
5V
S0, S1 States(Active)
0
1
0
0V
S3
0
0
1
Note
Maintains Previous State
0
0
0
0V
S4/S5
1
1
1
5V
S0, S1 States(Active)
1
1
0
5V
S3
1
0
1
Note
Maintains Previous State
1
0
0
5V
S4/S5
Note: Combination not allowed.
EN3VDL S5 S3 3V3DL
Comments
0
1
1
3.3V
S0, S1 States (Active)
0
1
0
3.3V
S3
0
0
1
Note
Maintains Previous State
0
0
0
3.3V
S4/S5
1
1
1
3.3V
S0, S1 States (Active)
1
1
0
3.3V
S3
1
0
1
Note
Maintains Previous State
1
0
0
0V
S4/S5
Note: Combination not allowed.
As seen in Table 1, EN3VDLsimply controls whether the
3.3VDUAL plane remains powered up during S4/S5 sleep
state.
Table 1. 3.3VDUAL Output (VOUT1) Truth Table
Operational Truth Tables
The EN3VDL and EN5VDL pins offer a host of choices in
terms of the overall system architecture and supported
features. Tables 1~3 describe the truth combinations
pertaining to each of the three outputs.


Similar Part No. - RT9641A_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
More results

Similar Description - RT9641A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6501A INTERSIL-HIP6501A_04 Datasheet
333Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
HIP6501A INTERSIL-HIP6501A Datasheet
140Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6501A RENESAS-HIP6501A Datasheet
668Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com