Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55-C3V6 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZM55-C3V6
Description  SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZM55-C3V6 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZM55-C3V6 Datasheet HTML 1Page - Pan Jit International Inc. BZM55-C3V6 Datasheet HTML 2Page - Pan Jit International Inc. BZM55-C3V6 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-JAN.27.2004
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
4
V
2
C
-
5
5
M
Z
B
0
4
.
2
8
2
.
2
6
5
.
2
5
8
0
.
5
0
0
6
0
0
.
1
0
5
0
.
1
7
V
2
C
-
5
5
M
Z
B
0
7
.
2
0
5
.
2
0
9
.
2
5
8
0
.
5
0
0
6
0
0
.
1
0
1
0
.
1
0
V
3
C
-
5
5
M
Z
B
0
0
.
3
0
8
.
2
0
2
.
3
5
8
0
.
5
0
0
6
0
0
.
1
0
.
4
0
.
1
3
V
3
C
-
5
5
M
Z
B
0
3
.
3
0
1
.
3
0
5
.
3
5
8
0
.
5
0
0
6
0
0
.
1
0
.
2
0
.
1
6
V
3
C
-
5
5
M
Z
B
0
6
.
3
0
4
.
3
0
8
.
3
5
8
0
.
5
0
0
6
0
0
.
1
0
.
2
0
.
1
9
V
3
C
-
5
5
M
Z
B
0
9
.
3
0
7
.
3
0
1
.
4
5
8
0
.
5
0
0
6
0
0
.
1
0
.
2
0
.
1
3
V
4
C
-
5
5
M
Z
B
0
3
.
4
0
0
.
4
0
6
.
4
5
7
0
.
5
0
0
6
0
0
.
1
0
.
1
0
.
1
7
V
4
C
-
5
5
M
Z
B
0
7
.
4
0
4
.
4
0
0
.
5
0
6
0
.
5
0
0
6
0
0
.
1
5
.
0
0
.
1
1
V
5
C
-
5
5
M
Z
B
0
1
.
5
0
8
.
4
0
4
.
5
5
3
0
.
5
0
5
5
0
0
.
1
1
.
0
0
.
1
6
V
5
C
-
5
5
M
Z
B
0
6
.
5
0
2
.
5
0
0
.
6
5
2
0
.
5
0
5
4
0
0
.
1
1
.
0
0
.
1
2
V
6
C
-
5
5
M
Z
B
0
2
.
6
0
8
.
5
0
6
.
6
0
1
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
2
8
V
6
C
-
5
5
M
Z
B
0
8
.
6
0
4
.
6
0
2
.
7
8
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
3
5
V
7
C
-
5
5
M
Z
B
0
5
.
7
0
0
.
7
0
9
.
7
7
0
.
5
0
5
0
0
.
1
1
.
0
0
.
5
2
V
8
C
-
5
5
M
Z
B
0
2
.
8
0
7
.
7
0
7
.
8
7
0
.
5
0
5
0
0
.
1
1
.
0
0
.
6
1
V
9
C
-
5
5
M
Z
B
0
1
.
9
0
5
.
8
0
6
.
9
0
1
0
.
5
0
5
0
0
.
1
1
.
0
0
.
7
0
1
C
-
5
5
M
Z
B
0
0
.
0
1
0
4
.
9
0
6
.
0
1
5
1
0
.
5
0
7
0
0
.
1
1
.
0
5
.
7
1
1
C
-
5
5
M
Z
B
0
0
.
1
1
0
4
.
0
1
0
6
.
1
1
0
2
0
.
5
0
7
0
0
.
1
1
.
0
5
.
8
2
1
C
-
5
5
M
Z
B
0
0
.
2
1
0
4
.
1
1
0
7
.
2
1
0
2
0
.
5
0
9
0
0
.
1
1
.
0
0
.
9
3
1
C
-
5
5
M
Z
B
0
0
.
3
1
0
4
.
2
1
0
1
.
4
1
6
2
0
.
5
0
1
1
0
0
.
1
1
.
0
0
.
0
1
5
1
C
-
5
5
M
Z
B
0
0
.
5
1
0
8
.
3
1
0
6
.
5
1
0
3
0
.
5
0
1
1
0
0
.
1
1
.
0
0
.
1
1
6
1
C
-
5
5
M
Z
B
0
0
.
6
1
0
3
.
5
1
0
1
.
7
1
0
4
0
.
5
0
7
1
0
0
.
1
1
.
0
0
.
2
1
8
1
C
-
5
5
M
Z
B
0
0
.
8
1
0
8
.
6
1
0
1
.
9
1
0
5
0
.
5
0
7
1
0
0
.
1
1
.
0
0
.
4
1
0
2
C
-
5
5
M
Z
B
0
0
.
0
2
0
8
.
8
1
0
2
.
1
2
5
5
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
5
1
2
2
C
-
5
5
M
Z
B
0
0
.
2
2
0
8
.
0
2
0
3
.
3
2
5
5
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
7
1
4
2
C
-
5
5
M
Z
B
0
0
.
4
2
0
8
.
2
2
0
6
.
5
2
0
8
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
8
1
7
2
C
-
5
5
M
Z
B
0
0
.
7
2
0
1
.
5
2
0
9
.
8
2
0
8
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
0
2
0
3
C
-
5
5
M
Z
B
0
0
.
0
3
0
0
.
8
2
0
0
.
2
3
0
8
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
2
2
3
3
C
-
5
5
M
Z
B
0
0
.
3
3
0
0
.
1
3
0
0
.
5
3
0
8
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
4
2
6
3
C
-
5
5
M
Z
B
0
0
.
6
3
0
0
.
4
3
0
0
.
8
3
0
8
0
.
5
0
2
2
0
0
.
1
1
.
0
0
.
7
2
9
3
C
-
5
5
M
Z
B
0
0
.
9
3
0
0
.
7
3
0
0
.
1
4
0
9
5
.
2
0
0
5
0
0
.
1
1
.
0
0
.
0
3
3
4
C
-
5
5
M
Z
B
0
0
.
3
4
0
0
.
0
4
0
0
.
6
4
0
9
5
.
2
0
0
6
0
0
.
1
1
.
0
0
.
3
3
7
4
C
-
5
5
M
Z
B
0
0
.
7
4
0
0
.
4
4
0
0
.
0
5
0
1
1
5
.
2
0
0
7
0
0
.
1
1
.
0
0
.
6
3
Notes.
STANDARD VOLTAGE TOLERANCE IS + 5% AND :
SUFFIX “ A” FOR + 1%
SUFFIX “ B” FOR + 2%
SUFFIX “ C” FOR + 5%
SUFFIX “ D” FOR + 20%


Similar Part No. - BZM55-C3V6

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZM55-C3V6 GOOD-ARK-BZM55-C3V6 Datasheet
234Kb / 6P
   Zener Diodes
logo
Pan Jit International I...
BZM55-C3V6 PANJIT-BZM55-C3V6 Datasheet
109Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZM55-C3V6

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com