Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9643GQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9643GQV
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643GQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9643GQV Datasheet HTML 5Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 6Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 7Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 8Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 9Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 10Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 11Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 12Page - Richtek Technology Corporation RT9643GQV Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT9643
9
DS9643-03 August 2007
www.richtek.com
To be continued
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Oscillator
Frequency
FOSC
250
300
350
kHz
Ramp Amplitude pk-pk
--
1.8
--
V
Ramp offset
--
0.5
--
V
Reference and Soft Start
Internal Reference voltage
0.891
0.900
0.909
V
Initial ramp after power-up
--
5
--
μA
Soft Start Current
During PWM/LOD soft start
--
48
--
μA
SS discharge on resistance
EN = 0
--
280
--
Ω
PWM Converter
Load Regulation
IOUT from 0 to 16A
-2
--
+2
%
FB Bias Current
0.75
1
1.25
μA
Under Voltage shutdown
2us noise filter
65
75
80
%
Isns over-current threshold
RILIM
145
170
195
μA
Over voltage threshold
110
115
120
%
PWM Output Driver
Sourcing
--
1.8
3
Ω
UGATE Output Resistance
Sinking
--
1.8
3
Ω
Sourcing
-
1.8
3
Ω
LGATE Output Resistance
Sinking
--
1.2
2
Ω
PGOOD (Power good Output) and control pins, VDDQ output
Lower threshold
2us noise filter
86
--
92
%
Upper threshold
2us noise filter
108
--
115
%
PGOOD Output Low
IPGOOD
--
--
0.5
V
Leakage Current
Pull up to 5V
--
--
1
μA
VTT Regulator
VDDQ IN Current
S0 mode, IVTT = 0
--
35
70
mA
IVTT = 0, TA = 25°C
-20
--
20
mV
VREF IN to VTT
Differential Output Voltage
IVTT = ±1.25A (pulsed)
-40
--
40
mV
Internal Divider Gain
EN=0
0.493
0.498
0.503
V/V
VTT Current Limit
Pulse(300ms MAX), TA = 25°C
±1.5
±3
±4
A
VTT Leakage Current
S3#I = Low
−20
--
20
μA
VTT SNS input resistance
VTT = 0.9V
--
110
--
kΩ
VTT PGOOD
Measured at VTT SNS
80
--
110
%
Drop-Out Voltage
ITT = ±1.5A
-0.8
--
0.8
V


Similar Part No. - RT9643GQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
   5 Channel ACPI Regulator with Step-Down DC/DC Controller
More results

Similar Description - RT9643GQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
   5 Channel ACPI Regulator with Step-Down DC/DC Controller
logo
Linear Technology
LTC3700 LINER-LTC3700 Datasheet
209Kb / 16P
   Constant Frequency Step-Down DC/DC Controller with LDO Regulator
LTC3700 LINER-LTC3700_15 Datasheet
220Kb / 16P
   Constant Frequency Step-Down DC/DC Controller with LDO Regulator
logo
Silicon Standard Corp.
SS6580 SSC-SS6580 Datasheet
422Kb / 8P
   Step-Down DC/DC Controller with Shutdown
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com