Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9641A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9641A
Description  Triple Linear Regulator Controller Support ACPI Control Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9641A Datasheet HTML 1Page - Richtek Technology Corporation RT9641A Datasheet HTML 2Page - Richtek Technology Corporation RT9641A Datasheet HTML 3Page - Richtek Technology Corporation RT9641A Datasheet HTML 4Page - Richtek Technology Corporation RT9641A Datasheet HTML 5Page - Richtek Technology Corporation RT9641A Datasheet HTML 6Page - Richtek Technology Corporation RT9641A Datasheet HTML 7Page - Richtek Technology Corporation RT9641A Datasheet HTML 8Page - Richtek Technology Corporation RT9641A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9641A/B
DS9641A/B-11 March 2007
www.richtek.com
5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
2.5V/3.3V (2.6V/3.43V) Linear Regulator (VOUT2)
Regulation
--
--
2.0
%
VSEN2 Nominal Voltage Level
VVSEN
RSEL = 1kΩ
--
2.5/2.6
--
V
VSEN2 Nominal Voltage Level
VVSEN2
RSEL = 1kΩ
--
3.3/3.4
--
V
VSEN2 Under-voltage Falling Threshold
--
68
--
%
VSEN2 Under-voltage Hysteresis
--
7
--
%
VSEN2 Output Current
IVSEN2
5VSB = 5V
200
300
--
mA
DRV2 Output Drive Current
IDRV2
5VSB = 5V, RSEL = 1kΩ
20
30
--
mA
DRV2 Output Impedance
RSEL = 10kΩ
--
200
--
Ω
3.3V Dual Linear Regulator (VOUT1)
Sleep-mode Regulation
--
--
2.0
%
3V3DL Nominal Voltage Level
V3V3DL
--
3.3
--
V
3V3DL Under-voltage Falling Threshold
--
2.24
--
V
3V3DL Under-voltage Hysteresis
--
230
--
mV
3V3DLSB Output Drive Current
I3V3DLSB 5VSB = 5V
5.0
10
--
mA
DLA Output Impedance
--
90
--
Ω
5V Dual Switch Controller (VOUT3)
5VDL Under-voltage Falling Threshold
--
3.40
--
V
5VDL Under-voltage Hysteresis
--
350
--
mV
5VDLSB Output Drive Current
I5VDLSB
5VDLSB = 4V
-40
--
--
mA
Timing Intervals
Active to Sleep, Input to Switching Delay
Td1
--
10
--
μs
Sleep to Active, Input to Switching Delay
Td2
CSS = 0.1μF
(1)
--
50
(1)
--
ms
Control I/O (S3, S5, EN3VDL, EN5VDL, FAULT)
High Level Threshold
2.0
--
--
V
Low Level Threshold
--
--
0.8
V
S3, S5 Internal Pull-up Impedance to 5VSB
--
50
--
k
Ω
FAULT Output Impedance
FAULT = high
--
100
--
Ω
Temperature Monitor
Fault-level Threshold
--
145
--
°C
Shutdown-level Threshold
TDS
--
155
--
°C
Note: (1) = 50ms with 0.1
μF Soft-start capacitor. The delay time is adjustable with td2 = 500xCSS (ms).


Similar Part No. - RT9641A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
More results

Similar Description - RT9641A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6501A INTERSIL-HIP6501A_04 Datasheet
333Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
HIP6501A INTERSIL-HIP6501A Datasheet
140Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6501A RENESAS-HIP6501A Datasheet
668Kb / 14P
   Triple Linear Power Controller with ACPI Control Interface
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com