Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9703PS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9703PS
Description  80m廓, 3A Smart Universal Power Switch with Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703PS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9703PS Datasheet HTML 3Page - Richtek Technology Corporation RT9703PS Datasheet HTML 4Page - Richtek Technology Corporation RT9703PS Datasheet HTML 5Page - Richtek Technology Corporation RT9703PS Datasheet HTML 6Page - Richtek Technology Corporation RT9703PS Datasheet HTML 7Page - Richtek Technology Corporation RT9703PS Datasheet HTML 8Page - Richtek Technology Corporation RT9703PS Datasheet HTML 9Page - Richtek Technology Corporation RT9703PS Datasheet HTML 10Page - Richtek Technology Corporation RT9703PS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9703
7
DS9703-08 March 2007
www.richtek.com
On-Resistance vs. Input Voltage
62
63
64
65
66
67
68
69
70
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
3
IOUT = 0.5A, RSET = 50k
Ω
CIN = 10uF, COUT = 33uF
On-Resistance vs. Temperature
48
58
68
78
88
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3
IOUT = 0.5A, RSET = 50k
Ω
CIN = 10uF, COUT = 33uF
VIN = 5V
Inrush Current Response
Time (5ms/Div)
COUT = 1000uF
VIN = 5V, CIN = 10uF
RL = 0.5
Ω,
RSET = 175k
Ω,
S2 = ON, S3 = OFF
COUT = 470uF
COUT = 1uF
5
(1A/Div)
Short Circuit Current Response
Time (10ms/Div)
VOUT (5V/Div)
IOUT (0.5A/Div)
VIN = 5V, CIN = 10uF, COUT = 0.1uF
RSET = 175k
Ω, S2 = S3 = ON
5
Current Limit vs. RSET
0
0.5
1
1.5
2
2.5
3
3.5
4
50
100 150 200 250 300 350 400 450 500
RSET (k )
VIN = 5V, RL = 0.5
Ω
CIN = 10uF, COUT = 33uF
S2 = ON, S3 = OFF
Ω
5
CE Threshold Voltage vs. Input Voltage
0
0.4
0.8
1.2
1.6
2
2.4
22.5
33.5
44.5
55.5
Input Voltage (V)
CIN = 10uF, COUT = 33uF
IL = 100mA, RSET = 100k
Ω
4
EN Pin Threshold Voltage vs. Input


Similar Part No. - RT9703PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
369Kb / 14P
   80m?? 3A Smart Universal Power Switch with Flag
RT9703CS RICHTEK-RT9703CS Datasheet
369Kb / 14P
   80m?? 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
More results

Similar Description - RT9703PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703 Datasheet
369Kb / 14P
   80m?? 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com