Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16350EVALZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16350EVALZ1
Description  Tri-Axis Inertial Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16350EVALZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16350EVALZ1 Datasheet HTML 2Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 3Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 4Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 5Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 6Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 7Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 8Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 9Page - Analog Devices ADIS16350EVALZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADIS16355
Rev. PrG | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration
Any Axis, Unpowered
2000 g
Any Axis, Powered
2000 g
VCC to COM
−0.3 V to +6.0 V
Digital Input/Output Voltage to COM
−0.3 V to +5.3 V
Analog Inputs to COM
−0.3 V to 3.6 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C1, 2
1 Extended exposure to temperatures outside of the specified temperature
range of −40°C to +85°C can adversely affect the accuracy of the factory
calibration. For best accuracy, store the parts within the specified operating
range of −40°C to +85°C.
2 Although the device is capable of withstanding short-term exposure to
+150°C, long-term exposure threatens internal mechanical integrity.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Package Characteristics
Package Type
θJA
θJC
Device Weight
24-Lead Module
39.8°C/W
14.2°C/W
16 grams
ESD CAUTION


Similar Part No. - ADIS16350EVALZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16350 AD-ADIS16350 Datasheet
171Kb / 10P
   Tri Axis Gyroscope & Accelerometer
Rev. PrA 11/10/2006
ADIS16350/PCBZ AD-ADIS16350/PCBZ Datasheet
171Kb / 10P
   Tri Axis Gyroscope & Accelerometer
Rev. PrA 11/10/2006
ADIS16350AML AD-ADIS16350AML Datasheet
171Kb / 10P
   Tri Axis Gyroscope & Accelerometer
Rev. PrA 11/10/2006
ADIS16350AMLZ AD-ADIS16350AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16350EVALZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
   Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
STMicroelectronics
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com