Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9711CPF Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9711CPF
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711CPF Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9711CPF Datasheet HTML 1Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 2Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 3Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 4Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 5Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 6Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 7Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 8Page - Richtek Technology Corporation RT9711CPF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9801A/B
5
DS9801AB-11 March 2007
www.richtek.com
Typical Operating Characteristics
VRESET vs. VDD
0
1
2
3
4
5
6
7
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
2.0V
2.4V
4.5V
3.0V
5.0V
TA = 25
°C
N-Ch Driver Sink Current vs. VRESET
0
1
2
3
4
5
6
7
00.5
11.5
22.5
3
VRESET (V)
VDD = 1.7V
VDD = 1.5V
TA = 25
°C
VTH = 2V
N-Ch Driver Sink Current vs. VRESET
0
2
4
6
8
10
12
00.5
11.5
22.5
3
VRESET (V)
TA = 25
°C
VTH =
VDD = 2.0V
VDD = 2.2V
VDD = 1.5V
N-Ch Driver Sink Current vs. VRESET
0
6
12
18
24
30
36
01
234
VRESET (V)
TA = 25
°C
VTH = 4.5V
VDD = 3.5V
VDD = 4.0V
VDD = 3.0V
VDD = 2.0V
VDD = 2.5V
VDD = 1.5V
N-Ch Driver Sink Current vs. VRESET
0
3
6
9
12
15
18
00.5
11.5
22.5
3
VRESET (V)
TA = 25
°C
VTH = 3V
VDD = 2.0V
VDD = 2.8V
VDD = 1.5V
N-Ch Driver Sink Current vs. VRESET
0
8
16
24
32
40
01
23
45
VRESET (V)
TA = 25
°C
VTH = 5V
VDD = 3.5V
VDD = 4.0V
VDD = 3.0V
VDD = 2.0V
VDD = 2.5V
VDD = 1.5V
VDD = 4.5V


Similar Part No. - RT9711CPF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711GB RICHTEK-RT9711GB Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711GS RICHTEK-RT9711GS Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711PB RICHTEK-RT9711PB Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
More results

Similar Description - RT9711CPF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com