Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-C30 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZX55-C30
Description  AXIAL LEAD ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX55-C30 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZX55-C30 Datasheet HTML 1Page - Pan Jit International Inc. BZX55-C30 Datasheet HTML 2Page - Pan Jit International Inc. BZX55-C30 Datasheet HTML 3Page - Pan Jit International Inc. BZX55-C30 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-SEP.14.2004
DATA SHEET
BZX55-C SERIES
DO-35
Unit: inch (mm)
.020(0.52)TYP.
.079(2.0)MAX.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
AXIAL LEAD ZENER DIODES
VOLTAGE
2.4 to 47 Volts
POWER
500 mWatts
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
OC
PTOT
0
0
5W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
5
7
1
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TS
5
7
1
+
o
t
5
6
-
OC
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
8
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rh
tA
-
-
-
-
3
.
0W
m
/
K
A
m
0
0
1
=
F
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
-
-
-
-
1V
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICAL DATA
• Case: Molded glass DO-35
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: See Diagram Below
• Approx. Weight: 0.13 grams
• Mounting Position: Any
• Ordering information: Suffix :” -35” to order DO-35 Package
• Packing information
B
- 2K per Bulk box
T/R - 10K per 13" plastic Reel
T/B - 5K per horiz. tape & Ammo box


Similar Part No. - BZX55-C30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX55-C30 GE-BZX55-C30 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX55-C30 MCC-BZX55-C30 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
logo
Taiwan Semiconductor Co...
BZX55-C30 TSC-BZX55-C30 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
GOOD-ARK Electronics
BZX55-C30 GOOD-ARK-BZX55-C30 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C30 NJSEMI-BZX55-C30 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX55-C30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com