Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-2V-03 Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX-2V-03
Description  order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX-2V-03 Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX-2V-03 Datasheet HTML 1Page - STATEK CORPORATION CX-2V-03 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10138 - Rev A
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
16 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Calibration Tolerance*
A, B or C
(see below)
Motional Resistance (R1)
See Figure 1
MAX.: 16-24.9 kHz, 2x Typ.
25-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX.
Drive Level
16-24.9 kHz 0.5
W MAX.
25-600 kHz 1.0
W MAX.
Turning Point (To)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
0C2
Aging, first year
5ppm MAX.
Shock***
1,000g peak, 1msec., 1/2 sine
Vibration, survival***
10g rms, 20-2,000 Hz random
Operating Temperature
-10
OC to +70OC Commercial
-40
OC to +85OC Industrial
-55
OC to +125OC Military
Storage Temperature
-55
OC to +125OC
Max Process Temperature
See package handling
* Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX-2V Crystal Calibration Tolerance at 25
OC
Frequency Range (kHz)
Calibration 16-74.9
75-169.9
170-249.9
250-600
A
0.003%
0.005%
0.01%
0.02%
B
0.01%
0.01%
0.02%
0.05%
C
0.1%
0.1%
0.2%
0.5%
Load Capacitance (CL), Used to Calibrate CX-2V
(other CL available)
Frequency Load
Frequency
Load
Range
Capacitance
Range
Capacitance
(kHz)
(pF)
(kHz)
(pF)
16-24.9
10
100.1-179.9
5
25-54.9
9
180-600
4
55-100.0
8
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
PACKAGING
CX-2V-Leaded -Tray Pack (Standard)
HOW TO ORDER CX-2V LEADED CRYSTALS
CX-2V
-03
32.768 kHz
(
A
/
I
)
“S” if special
Leads
Frequency
Calibration
Temp. Range:
or custom
02
Tolerance*
C = Commercial
design.
03
@ 25
0C
I = Industrial
Blank if Std.
04
(A)
M = Military
(B)
S = Specify
(C)
*Other calibration fill in ppm.
300
200
100
50
20
10
5
2
16
50
100
200
600
Frequency (kHz)
300
200
100
50
20
16
50
100
200
600
Frequency (kHz)
16
20
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX-2V TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX-2V TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX-2V TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX-2V TYPICAL TURNING POINT TEMP. (T
0)
5
2
1.0
0.5
16
50
100
200
600
Frequency (kHz)
Note: Frequency (f) deviation from frequency (fo) @ turning point
= k(T-T )
O
2
f-f
f
O
O


Similar Part No. - CX-2V-03

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-2V-0332.768A EUROQUARTZ-CX-2V-0332.768A Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-2V-0332.768B EUROQUARTZ-CX-2V-0332.768B Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-2V-0332.768C EUROQUARTZ-CX-2V-0332.768C Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-2V-03

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
   18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com