Selected language     English  ▼


CX-1H-03 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part No. CX-1H-03
Description  Miniature Quartz Crystal for Series Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STATEK [STATEK CORPORATION]
Homepage  http://www.statek.com
Logo 

   
 1 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
DESCRIPTION
The CX-1H quartz crystal is a high quality tuning fork
resonator for use in Series (two cascaded inverters)
oscillators. The CX-1H is hermetically sealed in a rugged,
miniature ceramic package, one-fourth the size of an
eight-pin mini-DIP. The CX-1H crystal is manufactured
using the STATEK-developed photolithographic process,
and was designed utilizing the experience acquired by
producing millions of crystals for industrial, commercial,
military and medical applications.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Designed and manufactured in the USA
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low
thermal mass parts are adequate when installing or testing CX
crystals. CX crystals may be wave soldered, with proper
precaution taken to avoid desoldering the leads. A slow
machine rate or too high a pre-heat temperature or solder bath
temperature can damage the crystals. Lead to package
solder interface temperature should not exceed 175
oC,
glass lid to package seal rim temperature should not
exceed 210
oC. If the seal rim reaches temperatures above the
maximum specified, the package may lose its hermeticity. Loss
of hermeticity results in a frequency decrease and motional
resistance increase.
CX-1H-03 CRYSTAL
10 kHz to 600 kHz
Miniature Quartz Crystal for Series Oscillators
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.315
8.00
.330
8.38
B
.140
3.56
.155
3.94
C
.070
1.78
.080
2.03
D
.300
7.62
.310
7.87
E
.020
0.51
.040
1.02
F
.150
3.81
.160
4.06
Leads 0.013” x 0.018” (0.33 x 0.46 mm) typical.
10102 - Rev B
A
B
E
C
D
F
PACKAGE DIMENSIONS
C
0
C
1
R
1
2
1
L
1
actual size
side view
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
CONVENTIONAL SERIES
OSCILLATOR CIRCUIT
BUFFER
CX-1H XTAL
OSCILLATOR
Contact factory for
design guidelines




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CX3HSMLow Profile Surface Mount Quartz Crystal for Series Oscillators 1 2 STATEK CORPORATION
CX-2Vorder16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators 1 2 STATEK CORPORATION
CX6VSMUltra-Low Profile 1mm Miniature Surface Mount Quartz Crystal for Pierce Oscillators 1 2 STATEK CORPORATION
CX-1V-03Miniature Quartz Crystal for Pierce Oscillators 1 2 STATEK CORPORATION
CY2037_07High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators 1 2 3 4 5 MoreCypress Semiconductor
SSP-TSurface Mount Quartz Crystal Units for Low Frequencies 1 2 List of Unclassifed Manufacturers
XC2141_1ICs for use with Crystal Oscillators 1 2 3 4 5 Torex Semiconductor
XC2163_1ICs for use with 3rd Overtone Crystal Oscillators 1 2 3 4 5 MoreTorex Semiconductor
ASF15.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS 1 Abracon Corporation
DS4125DS4-XO Series Crystal Oscillators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl