Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT34063A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT34063A
Description  DC-to-DC Converter Control Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT34063A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT34063A Datasheet HTML 5Page - Richtek Technology Corporation RT34063A Datasheet HTML 6Page - Richtek Technology Corporation RT34063A Datasheet HTML 7Page - Richtek Technology Corporation RT34063A Datasheet HTML 8Page - Richtek Technology Corporation RT34063A Datasheet HTML 9Page - Richtek Technology Corporation RT34063A Datasheet HTML 10Page - Richtek Technology Corporation RT34063A Datasheet HTML 11Page - Richtek Technology Corporation RT34063A Datasheet HTML 12Page - Richtek Technology Corporation RT34063A Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT34063A
9
DS34063A-13
March 2007
www.richtek.com
Absolute Maximum Ratings
Power Supply Voltage ------------------------------------------------------------------------------------------------ 30V
Feedback Input Voltage Range -------------------------------------------------------------------------------------
0.3 to +30V
Switch Collector Voltage --------------------------------------------------------------------------------------------- 30V
Switch Emitter Voltage ----------------------------------------------------------------------------------------------- 30V
Switch Collector to Emitter Voltage ------------------------------------------------------------------------------- 30V
Driver Collector Voltage ---------------------------------------------------------------------------------------------- 30V
Driver Collector Current (see Note) -------------------------------------------------------------------------------- 100mA
Switch Current --------------------------------------------------------------------------------------------------------- 1.5A
Power Dissipation, PD @ TA = 25
°C
DIP-8 --------------------------------------------------------------------------------------------------------------------- 1.25W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance
DIP-8,
θJA --------------------------------------------------------------------------------------------------------------- 100°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
Operating Junction Temperature ----------------------------------------------------------------------------------- +125
°C
Storage Temperature Range ---------------------------------------------------------------------------------------- 65 to +150
°C
Note:Maximum package power dissipation limits must be observed.
Electrical Characteristics
(VCC = 5V, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Oscillator
Frequency
VPIN5 = 0V, CT = 1.0nF
26
38
48
kHz
Charge Current
ICHG
5.0V
≤ VCC ≤ 30V
25
36
43
μA
Discharge Current
IDISCHG 5.0V ≤ VCC ≤ 30V
160
250
290
μA
Discharge to Charge Current Ratio
Pin 7 to VCC
5.5
6.9
7.9
--
Current Limit Sense Voltage
VLIMIT
ICHG = IDISCHG
280
330
380
mV
Output Switch
Saturation Voltage, Darlington Connection
ISW = 1.0A, Pins1, 8 connected
--
1.0
1.3
V
Saturation Voltage, Darlington Connection
ISW = 1.0A, RPIN8 = 82Ω to
VCC, Forced
β ≅ 20
--
0.45
0.7
V
DC Current Gain
ISW = 1.0A, VCE = 5.0V
50
75
--
--
Collector Off-state Current
VCE = 30V
--
0.01
100
μA
Comparator
Threshold Voltage
1.225 1.25 1.275
V
Threshold Voltage Line Regulation
3.0V
≤ VCC ≤ 30V
--
1.4
5.0
mV
Input Bias Current
IBIAS
VIN = 0V
--
-20
-400
nA
Total Device
Supply Current
ICC
VCC = 5.0V to 30V, CT = 1.0nF,
Pin7 = VCC, VPIN5 > VTH, Pin2
= GND, Remaining pins open
--
3.0
4.5
mA


Similar Part No. - RT34063A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT34063A ETC-RT34063A Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063ACN ETC-RT34063ACN Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063ACS ETC-RT34063ACS Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063AMN ETC-RT34063AMN Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063AMS ETC-RT34063AMS Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
More results

Similar Description - RT34063A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com