Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER1C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER1C
Description  SURFACE MOUNT SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER1C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER1C Datasheet HTML 1Page - Pan Jit International Inc. ER1C Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.20.2004
DATA SHEET
ER1A~ER1J
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Superfast recovery times for high efficiency.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated junction
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
Weight: 0.003 ounce, 0.093 gram
SURFACE MOUNT SUPERFAST RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
1.Reverse Recovery Tset Conditions:IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
3.8.0mm2( .013mm thick ) land areas.
.185(4.70)
.220(5.59)
.008(.203)
.050(1.27)
.012(.305)
.160(4.06)
.200(5.08)
.002(.051)
.030(0.76)
.006(.152)
SMB/DO-214AA
Unit: inch (mm)
50 to 600 Volts
1.0 Amperes
CURRENT
VOLTAGE
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SA
1
R
EB
1
R
EC
1
R
ED
1
R
EE
1
R
EG
1
R
EJ
1
R
ES
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
5
10
0
20
0
30
0
40
0
6V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
75
0
10
4
10
1
20
8
20
2
4V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
5
10
0
20
0
30
0
40
0
6V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
L
0
0
1
=
O C
IAV
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFS M
0
3A
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
5
9
.
05
2
.
17
.
1V
5
2
=
a
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
O C
0
0
1
=
a
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
O C
IR
0
.
5
0
5
1
A
u
)
1
E
T
O
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
5
3s
n
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
0
.
0
1F
p
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ L
J4
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
O
T
0
5
-
O C


Similar Part No. - ER1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1C PANJIT-ER1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
SUNMATE electronic Co.,...
ER1C SUNMATE-ER1C Datasheet
277Kb / 2P
   1.0A Surface Mount Rectifier
logo
Shanghai Leiditech Elec...
ER1C LEIDITECH-ER1C Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Transys Electronics
ER1C TRSYS-ER1C Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shanghai Shunye Electro...
ER1C SHUNYE-ER1C Datasheet
259Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ER1C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com