Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9817B-50PH Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9817B-50PH
Description  Micro-Power Voltage Detectors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9817B-50PH Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9817B-50PH Datasheet HTML 1Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 2Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 3Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 4Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 5Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 6Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 7Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 8Page - Richtek Technology Corporation RT9817B-50PH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9817
1
DS9817-07
August 2007
www.richtek.com
Features
Internally Fixed Threshold 1.2V to 5V in 0.1V Step
High Accuracy
±±±±±1.5%
Low Supply Current 3
μμμμμA
No External Components Required
Quick Reset within 20
μμμμμs
Built-in Recovery Delay Include 0ms, 55ms, 220ms,
450ms Options
800ns Glitch Immunity of Manual Reset Input
Low Functional Supply Voltage 0.9V
CMOS Push-Pull Output
Small SC-82 and SOT-143 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Computers
Controllers
Intelligent Instruments
Critical
μP and μC Power Monitoring
Portable/Battery-Powered Equipment
Micro-Power Voltage Detectors with Manual Reset
Ordering Information
General Description
The RT9817 is a micro-power voltage detector with
deglitched manual reset input supervising the power
supply voltage level for microprocessors (
μP) or digital
systems. It provides internally fixed threshold levels with
0.1V per step ranging from 1.2V to 5V, which covers most
digital applications. It features low supply current of 3
μA.
The RT9817 performs supervisory function by sending
out a reset signal whenever the VDD voltage falls below a
preset threshold level. This reset signal will last the whole
period before VDD recovering. Once VDD recovered
upcrossing the threshold level, the reset signal will be
released after a certain delay time. To pull reset signal
low manually, just pull the manual reset input (MR) below
the specified VIL level. RT9817 is provided in SC-82 and
SOT-143 packages.
(TOP VIEW)
SOT-143
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
3
2
4
1
GND
RESET/
RESET
VDD
MR
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
SC-82
4
1
3
2
VDD
MR
GND
RESET/
RESET
Note : There is no pin1 indicator on top mark for SC-82 and
SOT-143 types, and pin 1 will be lower left pin when reading
top mark from left to right. Pin2 of SC-82 and Pin1 of SOT-
143 is wider than other pins in each package.
RT9817
Package Type
H : SOT-143
Y : SC-82
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Threshold Voltage
12 : 1.2V
13 : 1.3V
:
49 : 4.9V
50 : 5.0V
-
Reset Active Timeout Period
A = 0ms (RESET)
B = 55ms (RESET)
C = 220ms (RESET)
D = 450ms (RESET)
E = 0ms (RESET)
F = 55ms (RESET)
G = 220ms (RESET)
H = 450ms (RESET)


Similar Part No. - RT9817B-50PH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
More results

Similar Description - RT9817B-50PH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816_11 Datasheet
121Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
   Micro-Power Voltage Detector with Manual Reset
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
logo
Lowpower Semiconductor ...
LP3809 POWER-LP3809 Datasheet
347Kb / 6P
   Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com