Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX2HSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX2HSM
Description  Miniature Surface Mount Quartz Crystal for Series Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX2HSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX2HSM Datasheet HTML 1Page - STATEK CORPORATION CX2HSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
16 kHz to 600 kHz
Standard Calibration Tolerance* (see table below)
Motional Resistance (R1)
Figure 1
MAX: 16-169.9 kHz, 2x Typ.
170-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
MIN is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX.
Drive Level
16-24.9 kHz 1.5
µW MAX.
25-600 kHz 3.0
µW MAX.
Turning Point (T0)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm MAX
Shock, survival***
1,500 g peak, 0.3 ms, 1/2 sine
Vibration, survival***
10 g RMS 20-2,000 Hz
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
O C for 20 sec.
*Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX2H Standard Calibration Tolerance at 250C
Frequency Range (kHz)
16-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
10137 - Rev B
HOW TO ORDER CX2HSM CRYSTALS
CX2H
S
C
SM1
32.768K
,
30
/ M
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
PACKAGING OPTIONS
CX2HSM
- Tray Pack
-16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109
)
1000
500
200
100
50
20
10
16
50
100
200
600
Frequency (kHz)
16
50
100
200
600
Frequency (kHz)
50
20
10
5
2
16
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX2H TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX2H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX2H TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX2H TYPICAL TURNING POINT TEMP. (T
0)
5
2
1.0
0.5
16
50
100
200
600
Frequency (kHz)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C= -10
OC to +70OC
I= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
f-f0
=
k(T-T0)
2
f0


Similar Part No. - CX2HSM

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX2HSM RSG-CX2HSM Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
EUROQUARTZ limited
CX2HSM EUROQUARTZ-CX2HSM Datasheet
300Kb / 2P
   Frequency Range 16kHz to 600kHz
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM Datasheet
132Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX2HSM1 RSG-CX2HSM1 Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSM2 RSG-CX2HSM2 Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

Similar Description - CX2HSM

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX2HSM RSG-CX2HSM Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX1HSM STATEK-CX1HSM_08 Datasheet
463Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSM STATEK-CX2HSM_08 Datasheet
132Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HSM STATEK-CX1HSM Datasheet
479Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM_08 Datasheet
128Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1VSM RSG-CX1VSM Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com