Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1002FL Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ES1002FL
Description  SMALL SURFACE MOUNT ULTRAFAST DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1002FL Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ES1002FL Datasheet HTML 1Page - Pan Jit International Inc. ES1002FL Datasheet HTML 2Page - Pan Jit International Inc. ES1002FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-NOV.30.2005
ES1001FL~ES1002FL
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass Passivated
• High temperature soldering : 26OC / 10 seconds at terminals
• Pb free product : 99% Sn above can meet RoHS environment
substance directive request
SMALL SURFACE MOUNT ULTRAFAST DIODES
VOLTAGE
100 to 200 Volts
1.0 Amperes
CURRENT
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
MECHANICAL DATA
• Case: JEDEC DO-219AB, Molded plastic over passivated junction.
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity : Color band denotes positive end (cathode)
• Standard Packaging : 8mm tape (EIA-481)
• Approx. Weight: 0.0168 gram
R
E
T
E
M
A
R
A
Pn
o
i
t
i
d
n
o
c
t
s
e
Tl
o
b
m
y
SL
F
1
0
0
1
S
EL
F
2
0
0
1
S
ES
T
I
N
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
t
i
t
e
p
e
r
m
u
m
i
x
a
M
V
M
R
R
0
0
10
0
2V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
M
V
S
M
R
0
70
4
1V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
V C
D
0
0
10
0
2V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T p
t
5
0
1
=
OC
TA
5
6
=
OC
I
)
V
A
(
F
2
.
1
5
.
0
A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
e
v
a
w
TL
5
2
=
OCI M
S
F
5
.
6
1A
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
O
TJ T
,
G
T
S
0
5
1
+
o
t
0
5
-
OC
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
R
E
T
E
M
A
R
A
Pn
o
i
t
i
d
n
o
c
t
s
e
Tl
o
b
m
y
SL
F
1
0
0
1
S
EL
F
2
0
0
1
S
ES
T
I
N
U
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MA
0
.
1V
F
5
9
.
0V
C
D
d
e
t
a
r
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
T
A
5
2
=
OC
T
A
0
0
1
=
OC
I
R
0
1
0
5
A
u
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
R
I
F
A
5
.
0
=
I
R
A
1
=
t
r
r
A
5
2
.
0
=
t
r
r
5
3s
n
e
c
n
a
t
i
c
a
p
a
c
l
a
c
i
p
y
Tz
H
M
1
,
V
4C
J
4F
p


Similar Part No. - ES1002FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1002FL PANJIT-ES1002FL Datasheet
119Kb / 3P
   SMALL SURFACE MOUNT SUPER FAST DIODES
logo
SUNMATE electronic Co.,...
ES1002FL SUNMATE-ES1002FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Zibo Seno Electronic En...
ES1002FL ZSELEC-ES1002FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
SAMYANG ELECTRONICS CO....
ES1002FL SAMYANG-ES1002FL Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
ES1002FL DAESAN-ES1002FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - ES1002FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES07B-M VISHAY-ES07B-M Datasheet
80Kb / 5P
   Small Surface Mount Ultrafast Diodes
Rev. 1.1, 01-Sep-10
ES07B VISHAY-ES07B Datasheet
137Kb / 6P
   Small Surface Mount Ultrafast Diodes
Rev. 1.7, 13-Apr-05
ES07B VISHAY-ES07B_12 Datasheet
80Kb / 5P
   Small Surface Mount Ultrafast Diodes
Rev. 1.9, 20-Aug-10
logo
Shenzhen Taychipst Elec...
ES07B TAYCHIPST-ES07B Datasheet
1Mb / 2P
   Small Surface Mount Ultrafast Diodes
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
   Small Surface Mount Diodes
Rev. 1.8, 24-Mar-04
logo
General Semiconductor
ES07B GE-ES07B Datasheet
30Kb / 1P
   Small Surface Mount Ultrafast Rectifiers
logo
RFE international
MURS460 RFE-MURS460 Datasheet
2Mb / 3P
   Surface Mount Ultrafast Rectifier Diodes
14-01-2021
logo
SUNMATE electronic Co.,...
U1A SUNMATE-U1A Datasheet
486Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIE DIODES
EGF1A SUNMATE-EGF1A Datasheet
334Kb / 2P
   ULTRAFAST SURFACE MOUNT RECTIFIER DIODES
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com