Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AY1102W Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # AY1102W
Description  Outer Dimension 3.0 x 1.5 x 1.5mm
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AY1102W Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  AY1102W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AY1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electro-Optical Characteristics
Page 4
2004.10.29
Single Color 3216 Type
1102W Series
Conditions
BG
PG
PY
AY
AA
BR
TYP.
2.1
2.1
2.1
2.2
2.2
1.7
MAX.
2.5
2.5
2.5
2.5
2.5
2.0
Reverse Current
VR=4V
IR
MAX.
100
100
100
100
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
660
nm
Dominant
Wavelength
IF=20mA
λ
d
TYP.
558
567
572
590
606
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
nm
56(θx) 69(θx) 61(θx) 70(θx) 77(θx) 70(θx)
71(θy) 85(θy) 71(θy) 89(θy) 87(θy) 82(θy)
deg.
Half Intensity Angle
IF=20mA
2θ1/2
TYP.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)


Similar Part No. - AY1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AY1102W STANLEY-AY1102W Datasheet
724Kb / 21P
   Single Color 3216 Type
More results

Similar Description - AY1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
   Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
logo
Kingbright Corporation
APL3015HD KINGBRIGHT-APL3015HD Datasheet
226Kb / 1P
   3.0 x 1.5mm SURFACE MOUNT LED
logo
Roithner LaserTechnik G...
380SMD100 ROITHNER-380SMD100 Datasheet
130Kb / 1P
   3.0 x 2.2 x 1.5 mm쨀 TOP LED
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
   5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
EHAOAN.
EH-C191KRTGKS EHAOAN-EH-C191KRTGKS Datasheet
1Mb / 8P
   Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-S110TGKT-5A EHAOAN-EH-S110TGKT-5A Datasheet
1Mb / 8P
   Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
EH-C191TBHRPG EHAOAN-EH-C191TBHRPG Datasheet
1Mb / 8P
   Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-C151DS5 EHAOAN-EH-C151DS5 Datasheet
1Mb / 10P
   Dimension( L/W/H) : 3.2 x 1.5 x 0.8 mm
EH-C19HRSOPG EHAOAN-EH-C19HRSOPG Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
   Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com