Electronic Components Datasheet Search |
|
MAA3864K Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD. |
|
MAA3864K Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD. |
4 / 33 page Electro-Optical Characteristics(MBG,MPG,MPY,MAY,MAA,MVR,BR) Page 4 2004.10.29 Single Color Flush Mount Round Shape Type 3864K Series Conditions MBG MPG MPY MAY MAA MVR BR TYP. 2.12.1 2.12.2 2.22.0 1.7 MAX. 2.82.8 2.82.8 2.82.8 2.0 Reverse Current VR=4V IR MAX. 20 20 20 20 20 20 100 μA Peak Wavelength IF=20mA λp TYP. 555 560 570 580 605 630 660 nm Dominant Wavelength IF=20mA λd TYP. 558 567 572 590 606 624 647 nm Spectral Line Half Width IF=20mA ⊿λ TYP. 30 30 30 30 30 30 30 nm 39(θx) 39(θx) 39(θx) 40(θx) 40(θx) 40(θx) 40(θx) 20(θy) 20(θy) 20(θy) 20(θy) 20(θy) 20(θy) 20(θy) Item Symbol Unit Forward Voltage IF=20mA VF V Characteristics deg. Half Intensity Angle IF=20mA 2θ1/2 TYP. (Ta=25℃) Conditions MPR TYP. 2.1 MAX. 2.8 Reverse Current VR=4V IR MAX. 20 μA Peak Wavelength IF=10mA λp TYP. 700 nm Dominant Wavelength IF=10mA λ d TYP. 630 nm Spectral Line Half Width IF=10mA ⊿λ TYP. 100 nm 40(θx) 20(θy) Item Symbol Unit Forward Voltage IF=10mA VF V Characteristics deg. Half Intensity Angle IF=10mA 2θ1/2 TYP. Electro-Optical Characteristics(MPR) (Ta=25℃) |
Similar Part No. - MAA3864K |
|
Similar Description - MAA3864K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |