Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAY4868K Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # MAY4868K
Description  Single Color Semi-Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MAY4868K Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  MAY4868K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MAY4868K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Page 1
4868K Series
Single Color Semi-Round Shape Type
Recommended Applications
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
・Outer Dimension 2×4 Semi-Round shape type
・Operation temperature range.
Storage Temperature
:-30℃~100℃
Operating Temperature
:-30℃~85℃
・Lead–free soldering compatible
・RoHS compliant
Dominant wavelength
Green
: 558nm (MBG)
567nm (MPG)
Yellow Green
: 572nm (MPY)
Yellow
: 590nm (MAY)
Orange
: 606nm (MAA)
Red
: 624nm (MVR)
647nm (BR)
630nm (MPR)
Product features
Half Intensity Angle
Die materials
MBG, MPG, MPY, MPR : GaP
MAY, MAA, MVR : GaAsP
BR : GaAlAs
MBG,MPG,MPY,MAY,MAA,MVR,MPR : θx=110 deg. θy=90 deg.
BR : θx=140 deg. θy=80 deg.
Features
Package
2×4 Semi-Round shape type,
MBG,MPG : Pale Green Clear epoxy
MPY,MAY : Pale Yellow Clear epoxy
MAA : Pale Orange Clear epoxy
MVR,BR,MPR : Pale Red Clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
2006.7.31


Similar Part No. - MAY4868K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAY4361F ETC1-MAY4361F Datasheet
225Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
MAY4361F STANLEY-MAY4361F Datasheet
407Kb / 32P
   Single Color 3.6 Right Angle Type
MAY4364K STANLEY-MAY4364K Datasheet
171Kb / 1P
   Single color led
logo
List of Unclassifed Man...
MAY4371F ETC1-MAY4371F Datasheet
225Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - MAY4868K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5379K ETC2-5379K Datasheet
398Kb / 33P
   Single Color Semi-Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3363K STANLEY-MBG3363K Datasheet
415Kb / 33P
   Single Color Semi-Round Shape Type
MBG3373K STANLEY-MBG3373K Datasheet
407Kb / 33P
   Single Color Semi-Round Shape Type
MBG5379K STANLEY-MBG5379K Datasheet
412Kb / 33P
   Single Color Semi-Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
KR4305S STANLEY-KR4305S Datasheet
183Kb / 12P
   Single Color ?4 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com