Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR3874K Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # MPR3874K
Description  Single Color Flush Mount Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MPR3874K Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  MPR3874K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MPR3874K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Page 3
Absolute Maximum Ratings
2004.10.28
Single Color Flush Mount Round Shape Type
3874K Series
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)
MBG
MP G
MP Y
MAY
MAA
MVR
BR
MP R
P ow e r Dissipa tion
P d
70
70
85
85
70
75
100
75
mW
F orwa rd Curre nt
IF
25
25
30
30
25
30
50
30
mA
Pulse Forw a rd
Curre nt
※ 1
IFR M
60
60
75
75
60
75
300
75
mA
De ra ting
(Ta=25℃ or hig he r)
⊿ IF
0.33
0.33
0.40
0.40
0.33
0.40
0.67
0.40
mA/℃
Re ve rse Volta g e
VR
444
44
444
V
Ope ra ting
Temperature
T opr
Stora g e
Temperature
T stg
Ite m
S ymbol
Unit
Absolute Ma x imum Ra ting s
-30~ +85
-30~ +100


Similar Part No. - MPR3874K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MPR3864K STANLEY-MPR3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
More results

Similar Description - MPR3874K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com