Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11253D Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AC11253D
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11253D Datasheet(HTML) 4 Page - Texas Instruments

  74AC11253D Datasheet HTML 1Page - Texas Instruments 74AC11253D Datasheet HTML 2Page - Texas Instruments 74AC11253D Datasheet HTML 3Page - Texas Instruments 74AC11253D Datasheet HTML 4Page - Texas Instruments 74AC11253D Datasheet HTML 5Page - Texas Instruments 74AC11253D Datasheet HTML 6Page - Texas Instruments 74AC11253D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54AC11253, 74AC11253
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SCAS041A – MAY 1988 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11253
74AC11253
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
7.1
9.7
1.5
11.7
1.5
11
ns
tPHL
A or B
Y
1.5
7.5
10.1
1.5
12.1
1.5
11.4
ns
tPLH
Data (Any C)
Y
1.5
6.8
8.3
1.5
9.9
1.5
9.3
ns
tPHL
Data (Any C)
Y
1.5
7
8.8
1.5
10.3
1.5
9.6
ns
tPZH
G
Y
1.5
4.8
6.2
1.5
7.2
1.5
6.8
ns
tPZL
G
Y
1.5
5.8
7.4
1.5
8.7
1.5
8.2
ns
tPHZ
G
Y
1.5
5
6.3
1.5
7
1.5
6.7
ns
tPLZ
G
Y
1.5
5.2
6.5
1.5
7.2
1.5
6.9
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11253
74AC11253
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
4.9
7
1.5
8.3
1.5
7.9
ns
tPHL
A or B
Y
1.5
5.2
7.3
1.5
8.7
1.5
8.2
ns
tPLH
Data (Any C)
Y
1.5
4.5
5.9
1.5
7.1
1.5
6.6
ns
tPHL
Data (Any C)
Y
1.5
4.8
6.3
1.5
7.3
1.5
6.9
ns
tPZH
G
Y
1.5
3.4
4.6
1.5
6.4
1.5
5.1
ns
tPZL
G
Y
1.5
4
5.3
1.5
6.1
1.5
5.8
ns
tPHZ
G
Y
1.5
4.7
6
1.5
6.6
1.5
6.3
ns
tPLZ
G
Y
1.5
4.6
5.9
1.5
6.4
1.5
6.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per multiplexer
Outputs enabled
CL =50 pF
f=1MHz
31
pF
Cpd
Power dissipation capacitance per multiplexer
Outputs disabled
CL = 50 pF,
f = 1 MHz
11
pF


Similar Part No. - 74AC11253D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11253D TI1-74AC11253D Datasheet
107Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11253D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI1-SN54F253_13 Datasheet
631Kb / 8P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54AC11253 TI1-54AC11253_09 Datasheet
107Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI1-54ACT11253_09 Datasheet
90Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS253 TI1-SN54ALS253_15 Datasheet
797Kb / 18P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI-54ACT11253 Datasheet
77Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com