Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4013YMA-70 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4013YMA-70
Description  128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4013YMA-70 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4013YMA-70 Datasheet HTML 7Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 8Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 9Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 10Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 11Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 12Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 13Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 14Page - Texas Instruments BQ4013YMA-70 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
VCC
tPF
tFS
tDR
tCER
tPU
tWPT
VPFD
VPFD
4.75 V
4.25 V
VSO
VSO
CE
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
Table 4. 5-V POWER-DOWN/POWER-UP (TA = TOPR)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPF
VCC slew, 4.75 to 4.25 V
300
µs
tFS
VCC slew, 4.25 to VSO
10
µs
tPU
VCC slew, VSO to VPFD (max.)
0
µs
Time during which SRAM is write-protected after
tCER
Chip enable recovery time
40
80
120
ms
VCC passes VPFD on power-up.
tDR
Data-retention time in absence of VCC
TA = 25°C(2)
10
years
Delay after VCC slews down past VPFD before SRAM
tWPT
Write-protect time
40
100
150
µs
is writeprotected.
(1)
Typical values indicate operation at TA = 25°C, VCC = 5V.
(2)
Batteries are disconnected from circuit until after VCC is applied for the first time. tDR is the accumulated time in absence of power
beginning when power is first applied to the device.
Figure 10. 5-V Power-Down/Power-Up Timing
11
Submit Documentation Feedback


Similar Part No. - BQ4013YMA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013YMA-70 TI-BQ4013YMA-70 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
BQ4013YMA-70 TI1-BQ4013YMA-70 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013YMA-70N TI-BQ4013YMA-70N Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
BQ4013YMA-70N TI1-BQ4013YMA-70N Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013YMA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com