Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD51321CBH Datasheet(PDF) 5 Page - Elpida Memory

Part # EDD51321CBH
Description  512M bits DDR SDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD51321CBH Datasheet(HTML) 5 Page - Elpida Memory

  EDD51321CBH Datasheet HTML 1Page - Elpida Memory EDD51321CBH Datasheet HTML 2Page - Elpida Memory EDD51321CBH Datasheet HTML 3Page - Elpida Memory EDD51321CBH Datasheet HTML 4Page - Elpida Memory EDD51321CBH Datasheet HTML 5Page - Elpida Memory EDD51321CBH Datasheet HTML 6Page - Elpida Memory EDD51321CBH Datasheet HTML 7Page - Elpida Memory EDD51321CBH Datasheet HTML 8Page - Elpida Memory EDD51321CBH Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
EDD51321CBH
Preliminary Data Sheet E1094E30 (Ver. 3.0)
5
DC Characteristics 1 (TA = –20
°C to +85°C, VDD and VDDQ = 1.8V +0.15V/–0.1V, VSS and VSSQ = 0V)
×32
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
-6C
-7E
90
80
mA
Burst length = 2
tRC
≥ tRC (min.), IO = 0mA,
One bank active
1
Standby current in power-down
IDD2P
3.0
mA
CKE
≤ VIL (max.),
tCK = tCK (min.)
Standby current in power-down
(input signal stable)
IDD2PS
2.8
mA
CKE
≤ VIL (max.), tCK = ∞
Standby current in non power-down
IDD2N
6.0
mA
CKE
≥ VIH (min.),
tCK = tCK (min.),
/CS
≥ VIH (min.),
Input signals are changed one time
during 2tCK.
Standby current in non power-down
(input signal stable)
IDD2NS
4.0
mA
CKE
≥ VIH (min.), tCK = ∞,
Input signals are stable.
Active standby current in power-down IDD3P
5.0
mA
CKE
≤ VIL (max.),
tCK = tCK (min.)
Active standby current in power-down
(input signal stable)
IDD3PS
4.0
mA
CKE
≤ VIL (max.), tCK = ∞
Active standby current in non power-
down
IDD3N
10
mA
CKE
≥ VIH (min.),
tCK = tCK (min.),
/CS
≥ VIH (min.),
Input signals are changed one time
during 2 tCK.
Active standby current in non power-
down
(input signal stable)
IDD3NS
7.0
mA
CKE
≥ VIH (min.), tCK = ∞,
Input signals are stable.
Burst operating current
IDD4
-6C
-7E
150
120
mA
Burst length = 4
tCK
≥ tCK (min.),
IOUT = 0mA, All banks active
2
Refresh current
IDD5
90
mA
tRFC
≥ tRFC (min.)
3
Self-refresh current
IDD6
3.5
mA
CKE
≤ 0.2V
Notes: 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD1 is measured on condition that addresses are changed only one time during
tCK (min.).
2. IDD4 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD4 is measured on condition that addresses are changed only one time during
tCK (min.).
3. IDD5 is measured on condition that addresses are changed only one time during tCK (min.).


Similar Part No. - EDD51321CBH

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD51321DBH-5BTS-F ELPIDA-EDD51321DBH-5BTS-F Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD51321DBH-6ETS-F ELPIDA-EDD51321DBH-6ETS-F Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
More results

Similar Description - EDD51321CBH

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com