Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR5356K Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # MPR5356K
Description  Single Color Rectangular Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MPR5356K Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button MPR5356K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. MPR5356K Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Page 11
2004.10.29
Single Color Rectangular Shape Type
5356K Series
Technical Data(MPG)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Condition : Ta = 25℃
Duty (%)


Similar Part No. - MPR5356K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MPR5352K STANLEY-MPR5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
MPR5353K STANLEY-MPR5353K Datasheet
407Kb / 33P
   Single Color Rectangular Shape Type
More results

Similar Description - MPR5356K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG5351K STANLEY-BG5351K Datasheet
403Kb / 33P
   Single Color Rectangular Shape Type
MBG5352K STANLEY-MBG5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
BG7351K STANLEY-BG7351K Datasheet
404Kb / 33P
   Single Color Rectangular Shape Type
MBG5353K STANLEY-MBG5353K Datasheet
407Kb / 33P
   Single Color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K Datasheet
346Kb / 21P
   Bi-color Rectangular Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com