Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR022405P-U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCR022405P-U
Description  Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR022405P-U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DCR022405P-U Datasheet HTML 1Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 2Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 3Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 4Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 5Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 6Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 7Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 8Page - Burr-Brown (TI) DCR022405P-U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DCR02 SERIES
SBVS028A − DECEMBER 2000 − REVISED APRIL 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
DIP−18
NVE
−40
°C to +70°C
DCR021205P
DCR021205P
Rail, 20
DCR021205
SO−10(2)
DVS
−40
°C to +70°C
DCR021205P−U
DCR021205P−U
Rail, 20
DCR021205
SO−10(2)
DVS
−40
°C to +70°C
DCR021205P−U
DCR021205P−U/700
Tape and Reel, 700
DIP−18
NVE
−40
°C to +70°C
DCR022405P
DCR022405P
Rail, 20
DCR022405
SO−10(2)
DVS
−40
°C to +70°C
DCR022405P−U
DCR022405P−U
Rail, 20
DCR022405
SO−10(2)
DVS
−40
°C to +70°C
DCR022405P−U
DCR022405P−U/700
Tape and Reel, 700
(1) For the most current package and ordering information, refer to our web site at www.ti.com.
(2) SO−10 packages have 18 pins, but only 10 pins are active.
SUPPLEMENTAL ORDERING INFORMATION
Basic Model Number: 1W Product
Voltage Input:
12V In
Voltage Output:
5V Out
Package Code:
P = 18-Pin Plastic DIP
P-U = SO-10
DCR02
12
05
(P)
PIN ASSIGNMENTS
NVE and DVS
PACKAGES
(TOP VIEW)
DCR02
1
2
7
8
9
18
17
12
11
10
V
S
NC
V
REC
0V
OUT
V
O
SYNC
0V
IN
ERROR
ENABLE
DNC
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DCR02 SERIES
UNIT
Input Voltage
DCR0212
15
V
Input Voltage
DCR0224
29
V
Storage Temperature
−60 to +125
°C
Lead Temperature (soldering, 10s)
+270
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
VS
1
I
Voltage input
NC
2
No connection
VREC
7
O
Rectified output
0VOUT
8
O
Output ground
VO
9
O
Voltage output
DNC
10
Do not connect
ENABLE
11
O
Output voltage enable
ERROR
12
O
Error flag active low
0VIN
17
I
Input ground
SYNC
18
I
Synchronization input
NOTE: I = input and O = output.


Similar Part No. - DCR022405P-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR022405P-U BURR-BROWN-DCR022405P-U Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR022405P-U TI1-DCR022405P-U Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR022405P-U/700 TI1-DCR022405P-U/700 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR022405P-U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI-DCP02 Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com