Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAA5379K Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # MAA5379K
Description  Single Color Semi-Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MAA5379K Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  MAA5379K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MAA5379K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Luminous Intensity Rank
Page 5
2004.10.29
Single Color Semi-Round Shape Type
5379K Series
(Ta=25℃)
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
3.0
6.0
12.0
24.0
20
40
12.0
24.0
12.0
24.0
10
20
12.0
24.0
1.5
3.0
B
4.2
8.4
16.8
33.6
28
56
16.8
33.6
16.8
33.6
14
28
16.8
33.6
2.1
4.2
C
6.012.024.048.0
40
8024.048.024.048.0
20
4024.048.0
3.0
6.0
D
8.4
16.8
33.6
67.2
56
112
33.6
67.2
33.6
67.2
28
56
33.6
67.2
4.2
8.4
E
12.0
-
48.0
-
80
-
48.0
-
48.0
-
40
-
48.0
-
6.0
-
Please contact our sales staff concerning rank designation.
Rank
MPG
MPY
BR
MBG
IF=20mA
IF=20mA
IF=20mA
MAY
MAA
IF=20mA
IV(mcd)
MPR
IF=10mA
IF=20mA
IF=20mA
MVR
IF=20mA


Similar Part No. - MAA5379K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAA5379K ETC2-MAA5379K Datasheet
398Kb / 33P
   Single Color Semi-Round Shape Type
More results

Similar Description - MAA5379K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5379K ETC2-5379K Datasheet
398Kb / 33P
   Single Color Semi-Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3363K STANLEY-MBG3363K Datasheet
415Kb / 33P
   Single Color Semi-Round Shape Type
MBG3373K STANLEY-MBG3373K Datasheet
407Kb / 33P
   Single Color Semi-Round Shape Type
MBG4868K STANLEY-MBG4868K Datasheet
432Kb / 33P
   Single Color Semi-Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
KR4305S STANLEY-KR4305S Datasheet
183Kb / 12P
   Single Color ?4 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com