Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AABG4607K Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # AABG4607K
Description  Bi-color Rectangular Shape Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AABG4607K Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button AABG4607K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. AABG4607K Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Page 8
2004.1029
Bi-color Rectangular Shape Type
4607K Series
Technical Data(AABG)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Condition : Ta = 25℃
Duty (%)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)


Similar Part No. - AABG4607K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AABG4607K STANLEY-AABG4607K Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
More results

Similar Description - AABG4607K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
BG5351K STANLEY-BG5351K Datasheet
403Kb / 33P
   Single Color Rectangular Shape Type
MBG5352K STANLEY-MBG5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
BG7351K STANLEY-BG7351K Datasheet
404Kb / 33P
   Single Color Rectangular Shape Type
MBG5353K STANLEY-MBG5353K Datasheet
407Kb / 33P
   Single Color Rectangular Shape Type
MBG5356K STANLEY-MBG5356K Datasheet
413Kb / 33P
   Single Color Rectangular Shape Type
5614S STANLEY-5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
VRBG5614S STANLEY-VRBG5614S_12 Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
logo
BetLux Electronics
BL-L2519EGW BETLUX-BL-L2519EGW Datasheet
61Kb / 3P
   Rectangular Type, BI-COLOR LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com