Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPY4607K Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # VRPY4607K
Description  Bi-color Rectangular Shape Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VRPY4607K Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  VRPY4607K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VRPY4607K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Luminous Intensity Rank
Page 5
Please contact our sales staff concerning rank designation.
2004.1029
Bi-color Rectangular Shape Type
4607K Series
(Ta=25℃)
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
AA
2.0
5.6
3.0
8.4
2.0
5.6
4.0 11.2
4.0 11.2
4.0 11.2
6.0 16.8
4.0 11.2
AB
4.0 11.2
3.0
8.4
4.0 11.2
4.0 11.2
8.0 22.4
4.0 11.2 12.0 33.6
4.0 11.2
BA
2.0
5.6
6.0 16.8
2.0
5.6
8.0 22.4
4.0 11.2
8.0 22.4
6.0 16.8
8.0 22.4
BB
4.0 11.2
6.0 16.8
4.0 11.2
8.0 22.4
8.0 22.4
8.0 22.4 12.0 33.6
8.0 22.4
VRBG4607K
BG
VR
Condition
PG
VR
IF = 20mA
Rank
AA
AABG4607K
BG
IV( mcd)
VRPY4607K
PY
VR
VRPG4607K


Similar Part No. - VRPY4607K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VRPY3312X STANLEY-VRPY3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
VRPY5614S STANLEY-VRPY5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
VRPY5614S STANLEY-VRPY5614S Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
VRPY5641K STANLEY-VRPY5641K Datasheet
1Mb / 18P
   Outer Dimension 2횞5 Rectangular shape type
VRPY5645X STANLEY-VRPY5645X Datasheet
1Mb / 18P
   Bi-color ?5 Round shape type, Milky White Surface Diffused epoxy
More results

Similar Description - VRPY4607K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
BG5351K STANLEY-BG5351K Datasheet
403Kb / 33P
   Single Color Rectangular Shape Type
MBG5352K STANLEY-MBG5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
BG7351K STANLEY-BG7351K Datasheet
404Kb / 33P
   Single Color Rectangular Shape Type
MBG5353K STANLEY-MBG5353K Datasheet
407Kb / 33P
   Single Color Rectangular Shape Type
MBG5356K STANLEY-MBG5356K Datasheet
413Kb / 33P
   Single Color Rectangular Shape Type
5614S STANLEY-5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
   Bi-color 3 Round Shape Type
VRBG5614S STANLEY-VRBG5614S_12 Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
logo
BetLux Electronics
BL-L2519EGW BETLUX-BL-L2519EGW Datasheet
61Kb / 3P
   Rectangular Type, BI-COLOR LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com