Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2299 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2299
Description  3.5A Minimum, 2MHz High Brightness LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2299 Datasheet HTML 1Page - Micrel Semiconductor MIC2299 Datasheet HTML 2Page - Micrel Semiconductor MIC2299 Datasheet HTML 3Page - Micrel Semiconductor MIC2299 Datasheet HTML 4Page - Micrel Semiconductor MIC2299 Datasheet HTML 5Page - Micrel Semiconductor MIC2299 Datasheet HTML 6Page - Micrel Semiconductor MIC2299 Datasheet HTML 7Page - Micrel Semiconductor MIC2299 Datasheet HTML 8Page - Micrel Semiconductor MIC2299 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
3
M9999-101907-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................12V
Switch Voltage (VSW)....................................... –0.3V to 34V
BRT Voltage (VBRT) ........................................... –0.3V to 6V
Enable Voltage (VEN)....................................... –0.3V to 12V
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) ..................................Internally Limited
Ambient Storage Temperature (Ts)...........–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN).......................................... 2.5V to 10V
BRT Voltage (VBRT) ........................................... 0V to 0.6VIN
Enable Voltage (VEN).............................................. 0V to VIN
Output Voltage (VOUT) ................................... VIN + 1 to VOVP
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Impedance
3x3 MLF-12 (
θJA) ...............................................60°C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.6V; VOUT = 7V; IOUT = 1A, unless otherwise noted. Bold values indicate –40°C< TJ < +125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under-Voltage Lockout
1.8
2.1
2.4
V
VOVP
Over-Voltage Protection
12
13.5
15
V
IVIN
Quiescent Current
VFB >200mV, Not Switching
15
23
mA
ISD
Shutdown Current
VEN = 0V (Note 5)
0.1
1
µA
VFB
Feedback Voltage
(±8%)
(±10%) (Over Temp)
184
180
200
216
220
mV
mV
IFB
Feedback Input Current
VFB = 200mV
–450
nA
Line Regulation
2.5V
≤ VIN ≤ 4.5V
0.5
%
LED Dimming Accuracy
(% of V VFBNOM), Note 6
VBRT = GND
RBRT = 50K
17
45
20
50
23
55
%
%
DMAX
Maximum Duty Cycle
90
%
ISW
Switch Current Limit
VIN = 3V
3.5
4.75
8
A
VSW
Switch Saturation Voltage
VIN = 3.6V, ISW = 3.5A
350
500
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
10
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
MIC2299
1.75
2
2.3
MHz
ISS
Soft start / DIM current
DIM = 0V
5
µA
150
°C
TJ
Over-Temperature Threshold
Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(Max), the
junction-to-ambient thermal resistance,
θ JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. ISD = IVIN
6. As percentage of full brightness where VIN = VBRT = 3.6V (100% brightness)


Similar Part No. - MIC2299

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2299 MICREL-MIC2299 Datasheet
543Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
MIC2299-15YML MICREL-MIC2299-15YML Datasheet
543Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
MIC2299 MICREL-MIC2299_11 Datasheet
543Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
More results

Similar Description - MIC2299

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2299 MICREL-MIC2299_11 Datasheet
543Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
MIC2298 MICREL-MIC2298 Datasheet
427Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com