Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR7351K Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # PR7351K
Description  Single Color Rectangular Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PR7351K Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  PR7351K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PR7351K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Page 1
7351K Series
Single Color Rectangular Shape Type
Recommended Applications
・Outer Dimension 2.4×7.2 Rectangular shape type
・Operation temperature range.
Storage Temperature
:-30℃~100℃
Operating Temperature
:-30℃~85℃
・Lead–free soldering compatible
・RoHS compliant
Dominant wavelength
Green
: 558nm (BG)
Yellow Green
: 567nm (PG)
: 572nm (PY)
Yellow
: 590nm (AY)
Orange
: 606nm (AA)
Red
: 624nm (VR)
: 647nm (BR)
: 630nm (PR)
Product features
Half Intensity Angle
Die materials
BG,PG,PY,PR : GaP
AY,AA,VR : GaAsP
BR : GaAlAs
BG,PG,PY,PR
: θx = 159 deg. θy = 143 deg.
AY,AA,VR
: θx = 147 deg. θy = 137 deg.
BR
: θx = 170 deg. θy = 168 deg.
Features
Package
2.4×7.2 Rectangular shape type,
BG,PG
: Green Surface Diffused epoxy
PY,AY
: Yellow Surface Diffused epoxy
AA
: Orange Surface Diffused epoxy
VR,BR,PR : Red Surface Diffused epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
2006.7.31


Similar Part No. - PR7351K

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR7 CML-PR7 Datasheet
222Kb / 1P
   B-6 Single Bayonet Base
logo
Visual Communications C...
PR7 VCC-PR7 Datasheet
26Kb / 1P
   Single Bayonet Base
logo
CUI INC
PR7 CUI-PR7 Datasheet
450Kb / 4P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR7 CUID-PR7 Datasheet
450Kb / 4P
   POWER RELAY
08/15/2022
logo
CUI INC
PR7-12V-200-1A CUI-PR7-12V-200-1A Datasheet
450Kb / 4P
   POWER RELAY
08/15/2022
More results

Similar Description - PR7351K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG5351K STANLEY-BG5351K Datasheet
403Kb / 33P
   Single Color Rectangular Shape Type
MBG5352K STANLEY-MBG5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
MBG5353K STANLEY-MBG5353K Datasheet
407Kb / 33P
   Single Color Rectangular Shape Type
MBG5356K STANLEY-MBG5356K Datasheet
413Kb / 33P
   Single Color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K Datasheet
346Kb / 21P
   Bi-color Rectangular Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com