Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM15TD-HB Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # QM15TD-HB
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM15TD-HB Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  QM15TD-HB Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM15TD-HB Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM15TD-HB Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM15TD-HB Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM15TD-HB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM15TD-HB
MEDIUM POWER SWITCHING USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
Inverters, Servo drives, DC motor controllers, NC equipment, Welders
QM15TD-HB
• IC
Collector current .......................... 15A
• VCEX
Collector-emitter voltage ........... 600V
• hFE
DC current gain............................. 250
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
24.5
7
15
7
15
7
12
11
25.5
25.5
76
93
105
2–
φ5.5
P
N
BuN EuN
EvN
BuN
EwN
BwN
BuP EuP
EvP
BvP
EwP
BwP
UV
W
Tab#250, t=0.8
Tab#100, t=0.5
P
N
BuP
EuP
u
BuN
EuN
BvP
EvP
v
BvN
EvN
BwP
EwP
w
BwN
EwN
LABEL
Note: All Transistor Units are Darlingtons.


Similar Part No. - QM15TD-HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TD-H MITSUBISHI-QM15TD-H Datasheet
75Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM15TD-HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com