Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS2041RPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IPS2041RPBF
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS2041RPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IPS2041RPBF Datasheet HTML 3Page - International Rectifier IPS2041RPBF Datasheet HTML 4Page - International Rectifier IPS2041RPBF Datasheet HTML 5Page - International Rectifier IPS2041RPBF Datasheet HTML 6Page - International Rectifier IPS2041RPBF Datasheet HTML 7Page - International Rectifier IPS2041RPBF Datasheet HTML 8Page - International Rectifier IPS2041RPBF Datasheet HTML 9Page - International Rectifier IPS2041RPBF Datasheet HTML 10Page - International Rectifier IPS2041RPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IPS2041(L)(R)PbF
www.irf.com
7
Figure 9 – Max. continuous output current (A) Vs
Ambient temperature (°C)
Protection response time (s)
Figure 10 – Ids (A) Vs over temperature protection
response time (s)
Tamb, Ambient temperature (°C)
1
10
0.1
1
10
Figure 11 – Max. ouput current (A)
Vs Inductive load (mH)
Inductive load (mH)
0.1
1
10
100
0.0001 0.001
0.01
0.1
1
10
100
Figure 12 – Transient thermal impedance (°C/W)
Vs time (s)
Time (s)
0
1
2
3
4
5
-50
0
50
100
150
SOT223 50°C/W
DPak 70°C/W
0
1
2
3
4
5
6
0.1
1
10
100
1000
Tamb=25°C
Tamb=125°C


Similar Part No. - IPS2041RPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS2041RPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com