Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FY1104B Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # FY1104B
Description  Single Color High Brightness Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FY1104B Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button FY1104B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. FY1104B Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Data(FY)
Page 9
2004.10.26
Single Color High Brightness Type
1104B Series
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)


Similar Part No. - FY1104B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FY1101C-2005-M-TR STANLEY-FY1101C-2005-M-TR Datasheet
587Kb / 18P
   Lead-free soldering compatible
FY1101C-M-TR STANLEY-FY1101C-M-TR Datasheet
689Kb / 18P
   Lead-free soldering compatible
logo
List of Unclassifed Man...
FY1101F ETC2-FY1101F Datasheet
157Kb / 2P
   Series Right Angle AlInGaP SMT LED
logo
STANLEY ELECTRIC CO.,LT...
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results

Similar Description - FY1104B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com