Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC1206 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GBPC1206
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBPC1206 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GBPC1206 Datasheet HTML 1Page - Pan Jit International Inc. GBPC1206 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : JAN.23.2003
CASE TEMPERATURE C
O
Fig. 1- OUTPUT CURRENT VS.CASE TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD T =150
J
OC
RATING AND CHARACTERISTIC CURVES
0.6
0.8
1.0
1.2
1.6
1.4
2.0
1.8
1000
100
10
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS
FORWARDCHARACTERISITCS
AT T =25
J
OC
12
6
0
60
80
100
120
140
160
25
24
18
36
30
42
60
80
100
120
140
160
180
25
12
6
24
18
36
30
42
AMBIENT TEMPERATURE, T C
A
O
Fig. 3- OUTPUT CURRENT VS.
TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD
BRIDGE MOUNTED ON A 8" x 8" ALUMINUM PLATE 25"THICK
AMBIENT
5
015
10
25
20
35
30
4
6
8
10
20
40
30
50
70
80
100
AVERGE OUTPUT CURRENT,AMPERES
Fig. 4- POWER DISSIPATION VS.AVERAGE OUTPUT
CURRENT RESISTIVE OR INDUCTIVE LOAD
TJ=150 C
O
0.1


Similar Part No. - GBPC1206

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBPC1206 GE-GBPC1206 Datasheet
70Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
ON Semiconductor
GBPC1206 ONSEMI-GBPC1206 Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
Vishay Siliconix
GBPC1206-E4-51 VISHAY-GBPC1206-E4-51 Datasheet
99Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 28-Mar-11
GBPC1206-E4-51 VISHAY-GBPC1206-E4-51 Datasheet
98Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 28-Mar-11
GBPC1206-E4/51 VISHAY-GBPC1206-E4/51 Datasheet
116Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
More results

Similar Description - GBPC1206

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC12005W PANJIT-GBPC12005W Datasheet
43Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
MB15 DIODES-MB15 Datasheet
71Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
DS21303 Rev. 6 - 3
logo
Yea Shin Technology Co....
GL2500 YEASHIN-GL2500 Datasheet
1Mb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
Pan Jit International I...
GL2500 PANJIT-GL2500_05 Datasheet
432Kb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
Diotech Company.
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC25A DIOTECH-GBPC25A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC35A DIOTECH-GBPC35A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
KBPC10005 SUNMATE-KBPC10005 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Diotech Company.
KBPC35A DIOTECH-KBPC35A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC15 DIOTECH-GBPC15 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com