Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # NE555PWR
Description  PRECISION TIMERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE555PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button NE555PWR Datasheet HTML 4Page - Texas Instruments NE555PWR Datasheet HTML 5Page - Texas Instruments NE555PWR Datasheet HTML 6Page - Texas Instruments NE555PWR Datasheet HTML 7Page - Texas Instruments NE555PWR Datasheet HTML 8Page - Texas Instruments NE555PWR Datasheet HTML 9Page - Texas Instruments NE555PWR Datasheet HTML 10Page - Texas Instruments NE555PWR Datasheet HTML 11Page - Texas Instruments NE555PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
5
4
2
1
0
9
3
5
6
7
8
9
10
11
7
6
8
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
10
12
13
14
15
TA = 25°C
TA = 125°C
TA = −55°C
Output Low,
No Load
VCC − Supply Voltage − V
1
0.995
0.990
0.985
0
5
10
1.005
1.010
NORMALIZED OUTPUT PULSE DURATION
(MONOSTABLE OPERATION)
vs
SUPPLY VOLTAGE
1.015
15
20
VCC − Supply Voltage − V
1
0.995
0.990
0.985
−75
−25
25
1.005
1.010
NORMALIZED OUTPUT PULSE DURATION
(MONOSTABLE OPERATION)
vs
FREE-AIR TEMPERATURE
1.015
75
125
TA − Free-Air Temperature − °C
−50
0
50
100
VCC = 10 V
150
100
50
0
200
250
300
PROPAGATION DELAY TIME
vs
LOWEST VOLTAGE LEVEL
OF TRIGGER PULSE
Lowest Voltage Level of Trigger Pulse
TA = −55°C
TA = 125°C
TA = 25°C
TA = 0°C
TA = 70°C
0
0.1 x VCC
0.2 x VCC
0.3 x VCC
0.4 x VCC
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
TYPICAL CHARACTERISTICS (continued)
Data for temperatures below 0
°C and above 70°C are applicable for SE555 circuits only.
Figure 5.
Figure 6.
Figure 7.
Figure 8.
8
Submit Documentation Feedback


Similar Part No. - NE555PWR

ManufacturerPart #DatasheetDescription
logo
NEC
NE555PWR NEC-NE555PWR Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NE555PWR TI-NE555PWR Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NE555PWR TI-NE555PWR Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555PWR TI-NE555PWR Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555PWR TI1-NE555PWR Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
More results

Similar Description - NE555PWR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com