Electronic Components Datasheet Search
Selected language     English  ▼


H-3000L Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part No. H-3000L
Description  Single Color Ultra High Brightness φ5 Type
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

 
 4 page
background image
Electro-Optical Characteristics
Page 4
2004.10.27
Single Color Ultra High Brightness φ5 Type
H-□000L Series
Conditions
TYP.
1.8
MAX.
2.5
Reverse Current
VR=4V
IR
MAX.
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
25
nm
Half Intensity Angle
IF=20mA
2θ1/2
TYP.
10
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FY1101FSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YPY1104BSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YBG1105WSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
5307SSingle Color φ5 Flush Mount Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BG5305SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
BG5307SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
1101FSingle Color Right Angle Type 3.0 X 2.0 mm 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
MBG5379KSingle Color Semi-Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
ET70Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage High Energy 1 2 Willow Technologies Ltd
BG7351KSingle Color Rectangular Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl