Selected language     English  ▼


H-3000L Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part No. H-3000L
Description  Single Color Ultra High Brightness φ5 Type
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

 
 10 page
background image
Single Color Ultra High Brightness φ5 Type
H-□000L Series
Page 10
Reliability Testing Result
Failure Criteria
2007.8.31
Reliability Testing
Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = Maxium Rated Current
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(302)
260±5℃, 3mm from package base
10s
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
5 cycles
0/25
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/25
Lead Tension
EIAJ ED-
4701/400(401)
10N,1time (
0.4 and Flat Package : 5N)
10s
0/10
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF Value of each product
Luminous Intensity
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FY1101FSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YPY1104BSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YBG1105WSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
5307SSingle Color φ5 Flush Mount Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BG5305SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
BG5307SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
1101FSingle Color Right Angle Type 3.0 X 2.0 mm 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
MBG5379KSingle Color Semi-Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
ET70Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage High Energy 1 2 Willow Technologies Ltd
BG7351KSingle Color Rectangular Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl