Selected language     English  ▼


H-3000L Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part No. H-3000L
Description  Single Color Ultra High Brightness φ5 Type
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

 
 2 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
H-3000L
Ga AlAs
Red
647
20
2,400
3,000
20
H-2000L
Ga AlAs
Red
647
20
1,400
2,000
20
H-1000L
Ga AlAs
Red
647
20
700
1,000
20
Iv (mc d)
Luminous Intens ity
Dominant
Wavelength
λd (nm)
Water
Clear
Part No.
Material
Emitted
Color
Lens
Color
Clear
2004.10.27
Single Color Ultra High Brightness φ5 Type
H-□000L Series
(Ta=25℃)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FY1101FSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YPY1104BSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YBG1105WSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
5307SSingle Color φ5 Flush Mount Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BG5305SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
BG5307SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
1101FSingle Color Right Angle Type 3.0 X 2.0 mm 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
MBG5379KSingle Color Semi-Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
ET70Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage High Energy 1 2 Willow Technologies Ltd
BG7351KSingle Color Rectangular Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl