Selected language     English  ▼


H-3000L Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part No. H-3000L
Description  Single Color Ultra High Brightness φ5 Type
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

 
 3 page
background image
Page 3
Absolute Maximum Ratings
P ow e r Dissipa tion
P d
125
mW
Forwa rd Curre nt
IF
50
mA
Pulse F orwa rd
Curre nt
※ 1
IFR M
300
mA
De rating
(Ta=25℃ or hig he r)
⊿ IF
0.67
mA/℃
Re ve rse Volta g e
VR
4V
Ope ra ting
Temperature
T opr
-30~ +85
Stora g e
Temperature
T stg
-30~ +100
Ite m
S ymbol
Unit
Absolute Ma x imum Ra ting s
2004.10.27
Single Color Ultra High Brightness φ5 Type
H-□000L Series
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FY1101FSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YPY1104BSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YBG1105WSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
5307SSingle Color φ5 Flush Mount Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BG5305SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
BG5307SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
1101FSingle Color Right Angle Type 3.0 X 2.0 mm 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
MBG5379KSingle Color Semi-Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
ET70Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage High Energy 1 2 Willow Technologies Ltd
BG7351KSingle Color Rectangular Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl