Selected language     English  ▼


H-1000L Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part No. H-1000L
Description  Single Color Ultra High Brightness φ5 Type
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

 
 11 page
background image
Special Notice to Customers Using the Products and
Technical Information Shown in This Data Sheet
Single Color Ultra High Brightness φ5 Type
H-□000L Series
Page 11
1) The technical information shown in the data sheets are limited to the typical characteristics and circuit
examples of the referenced products. It does not constitute the warranting of industrial property nor the
granting of any license.
2) For the purpose of product improvement, the specifications, characteristics and technical data described in
the data sheets are subject to change without prior notice. Therefore it is recommended that the most
updated specifications be used in your design.
3) When using the products described in the data sheets, please adhere to the maximum ratings for operating
voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any
damage which may occur if these specifications are exceeded.
4) The products that have been described to this catalog are manufactured so that they will be used for the
electrical instrument of the benchmark (OA equipment, telecommunications equipment, AV machine, home
appliance and measuring instrument).
The application of aircrafts, space borne application, transportation equipment, medical equipment and
nuclear power control equipment, etc. needs a high reliability and safety, and the breakdown and the wrong
operation might influence the life or the human body. Please consult us beforehand if you plan to use our
product for the usages of aircrafts, space borne application, transportation equipment, medical equipment
and nuclear power control equipment, etc. except OA equipment, telecommunications equipment, AV
machine, home appliance and measuring instrument.
5) In order to export the products or technologies described in this data sheet which are under the
“Foreign Exchange and Foreign Trade Control Law,” it is necessary to first obtain an export permit from the
Japanese government.
6) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley
Electric Co., Ltd.
7) The most updated edition of this data sheet can be obtained from the address below:
http://www.stanley-components.com
2007.8.31




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FY1101FSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YPY1104BSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
YBG1105WSingle Color High Brightness Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
5307SSingle Color φ5 Flush Mount Round Shape Type 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BG5305SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
BG5307SSingle Color φ5 Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
1101FSingle Color Right Angle Type 3.0 X 2.0 mm 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
MBG5379KSingle Color Semi-Round Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.
ET70Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage High Energy 1 2 Willow Technologies Ltd
BG7351KSingle Color Rectangular Shape Type 1 2 3 4 5 MoreSTANLEY ELECTRIC CO.,LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl