Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55LVDS31 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LVDS31
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LVDS31 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN55LVDS31 Datasheet HTML 6Page - Texas Instruments SN55LVDS31 Datasheet HTML 7Page - Texas Instruments SN55LVDS31 Datasheet HTML 8Page - Texas Instruments SN55LVDS31 Datasheet HTML 9Page - Texas Instruments SN55LVDS31 Datasheet HTML 10Page - Texas Instruments SN55LVDS31 Datasheet HTML 11Page - Texas Instruments SN55LVDS31 Datasheet HTML 12Page - Texas Instruments SN55LVDS31 Datasheet HTML 13Page - Texas Instruments SN55LVDS31 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Four Drivers Loaded Per
Figure 3 and Switching
Simultaneously
29
27
19
15
50
100
31
33
f − Frequency − MHz
35
150
200
21
VCC = 3.6 V
VCC = 3.3 V
25
23
17
VCC = 3 V
1.5
1.4
1.2
1
1.7
1.9
−40
−20
0
20
40
TA − Free-Air Temperature − °C
VCC = 3 V
VCC = 3.6 V
1.8
1.6
1.3
1.1
60
80
100
VCC = 3.3 V
1.5
1.4
1.2
1
1.7
1.9
−40
−20
0
20
40
TA − Free-Air Temperature − °C
VCC = 3 V
1.8
1.6
1.3
1.1
60
80
100
VCC = 3.3 V
VCC = 3.6 V
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
SN55LVDS31, SN65LVDS31
SUPPLY CURRENT
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
Figure 7.
10
Submit Documentation Feedback


Similar Part No. - SN55LVDS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS31 TI-SN55LVDS31 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN55LVDS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com