Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE555N Datasheet(PDF) 6 Page - Texas Instruments

Part # SE555N
Description  PRECISION TIMERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SE555N Datasheet HTML 2Page - Texas Instruments SE555N Datasheet HTML 3Page - Texas Instruments SE555N Datasheet HTML 4Page - Texas Instruments SE555N Datasheet HTML 5Page - Texas Instruments SE555N Datasheet HTML 6Page - Texas Instruments SE555N Datasheet HTML 7Page - Texas Instruments SE555N Datasheet HTML 8Page - Texas Instruments SE555N Datasheet HTML 9Page - Texas Instruments SE555N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
Operating Characteristics
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
V
CC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
NA555
SE555
NE555
TEST
PARAMETER
UNIT
SA555
CONDITIONS(1)
MIN
TYP
MAX
MIN
TYP
MAX
Each timer, monostable(3)
TA = 25°C
0.5
1.5(4)
1
3
Initial error of timing
%
interval(2)
Each timer, astable(5)
1.5
2.25
Each timer, monostable(3)
TA = MIN to MAX
30
100(4)
50
Temperature coefficient of
ppm/
timing interval
°C
Each timer, astable(5)
90
150
Each timer, monostable(3)
TA = 25°C
0.05
0.2(4)
0.1
0.5
Supply-voltage sensitivity of
%/V
timing interval
Each timer, astable(5)
0.15
0.3
CL = 15 pF,
Output-pulse rise time
100
200(4)
100
300
ns
TA = 25°C
CL = 15 pF,
Output-pulse fall time
100
200(4)
100
300
ns
TA = 25°C
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
Timing interval error is defined as the difference between the measured value and the average value of a random sample from each
process run.
(3)
Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA = 2 kΩ to 100 kΩ,
C = 0.1
µF.
(4)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(5)
Values specified are for a device in an astable circuit similar to Figure 12, with the following component values: RA = 1 kΩ to 100 kΩ,
C = 0.1
µF.
6
Submit Documentation Feedback


Similar Part No. - SE555N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE555N PHILIPS-SE555N Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
SE555N TI-SE555N Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
STMicroelectronics
SE555N STMICROELECTRONICS-SE555N Datasheet
494Kb / 20P
   General purpose single bipolar timers
logo
Texas Instruments
SE555N TI-SE555N Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
SE555N TI1-SE555N Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
More results

Similar Description - SE555N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com