Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDZJ3.6 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # GDZJ3.6
Description  AXIAL LEAD ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GDZJ3.6 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  GDZJ3.6 Datasheet HTML 1Page - Pan Jit International Inc. GDZJ3.6 Datasheet HTML 2Page - Pan Jit International Inc. GDZJ3.6 Datasheet HTML 3Page - Pan Jit International Inc. GDZJ3.6 Datasheet HTML 4Page - Pan Jit International Inc. GDZJ3.6 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 5
STAD-
NOV.24.2004
Fig. 7 Forward Current vs. Forward Voltage
Fig. 8 Z-Current vs. Z-Voltage
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
95 9605
VF – Forward Voltage(V)
Tj=25°C
04
8
12
16
20
95 9604
0
20
40
60
80
100
VZ – Z-Voltage(V)
Ptot=500mW
Tamb=25°C
Fig. 9 Z-Current vs. Z-Voltage
Fig. 10 Differential Z-Resistance vs. Z-Voltage
15
20
25
30
0
10
20
30
40
50
VZ – Z-Voltage(V)
35
95 9607
Ptot=500mW
Tamb=25°C
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage(V)
25
95 9606
Tj=25°C
IZ=1mA
5mA
10mA
1
10
100
1000
tp – Pulse Length ( ms )
95 9603
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=300K/W
T=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzj
T/Zthp)1/2)/(2rzj)
x
Fig. 11 Thermal Response


Similar Part No. - GDZJ3.6

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
GDZJ3.6 DIOTECH-GDZJ3.6 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Pan Jit International I...
GDZJ3.6A PANJIT-GDZJ3.6A Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ3.6A FRONTIER-GDZJ3.6A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
logo
Formosa MS
GDZJ3.6A FORMOSA-GDZJ3.6A Datasheet
339Kb / 4P
   Zener diode
logo
Pan Jit International I...
GDZJ3.6B PANJIT-GDZJ3.6B Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
More results

Similar Description - GDZJ3.6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com