Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6822TAWY6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6822TAWY6F
Description  5-pin Supervisor with watchdog timer and push-button reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6822TAWY6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6822TAWY6F Datasheet HTML 6Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 7Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 8Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 9Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 10Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 11Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 12Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 13Page - STMicroelectronics STM6822TAWY6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Operation
STM6321/6322STM6821/6822/6823/6824/6825
10/26
2
Operation
2.1
Reset output
The STM6xxx Supervisor asserts a reset signal to the MCU whenever VCC goes below the
reset threshold (VRST), a watchdog time-out occurs, or when the Push-button Reset Input
(MR) is taken low. Reset is guaranteed valid for VCC < VRST down to VCC =1V for TA = 0°C
to 85°C.
During power-up, once VCC exceeds the reset threshold an internal timer keeps reset low
for the reset time-out period, trec. After this interval reset is de-asserted.
Each time RST is asserted, it stays low for at least the reset time-out period (trec). Any time
VCC goes below the reset threshold the internal timer clears. The reset timer starts when
VCC returns above the reset threshold.
2.2
Open drain RST output
The STM6321/6322/6822 have an active-low, open drain reset output. This output structure
will sink current when RST is asserted. Connect a pull-up resistor from RST to any supply
voltage up to 6V (see Figure 11). Select a resistor value large enough to register a logic low,
and small enough to register a logic high while supplying all input current and leakage paths
connected to the reset output line. A 10k
Ω pull-up resistor is sufficient in most applications.
Figure 11.
STM6321/6322/6822 open drain RST output with multiple supplies
1.
STM6322/6822
2.
STM6321/6822
3.
STM6321/6322
AI09137
STM6XXX
RST
MR
(1)
WDI
(2)
RST
(3)
GND
10k
VCC
5V System
5.0V
3.3V


Similar Part No. - STM6822TAWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6822TAWY6F STMICROELECTRONICS-STM6822TAWY6F Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
More results

Similar Description - STM6822TAWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com