Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55LVDS31FK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55LVDS31FK
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55LVDS31FK Datasheet(HTML) 1 Page - Texas Instruments

  SNJ55LVDS31FK Datasheet HTML 1Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 2Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 3Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 4Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 5Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 6Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 7Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 8Page - Texas Instruments SNJ55LVDS31FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
SN55LVDS31 . . . J OR W
SN65LVDS31 . . . D OR PW
(Marked as LVDS31 or 65LVDS31)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1,2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3,4EN
3Z
3Y
3A
SN65LVDS3487D
(Marked as LVDS3487 or 65LVDS3487)
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
1A
2A
GND
1Y
1Z
2Y
2Z
SN65LVDS9638D (Marked as DK638 or LVDS38)
SN65LVDS9638DGN (Marked as L38)
SN65LVDS9638DGK (Marked as AXG)
(TOP VIEW)
19
20
1
3
2
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4Y
4Z
NC
G
3Z
1Z
G
NC
2Z
2Y
SN55LVDS31FK
(TOP VIEW)
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
• Meet or Exceed the Requirements of ANSI
TIA/EIA-644 Standard
• Low-Voltage Differential Signaling With
Typical Output Voltage of 350 mV and 100-
Load
• Typical Output Voltage Rise and Fall Times of
500 ps (400 Mbps)
• Typical Propagation Delay Times of 1.7 ns
• Operate From a Single 3.3-V Supply
• Power Dissipation 25 mW Typical Per Driver
at 200 MHz
• Driver at High Impedance When Disabled or
With VCC = 0
• Bus-Terminal ESD Protection Exceeds 8 kV
• Low-Voltage TTL (LVTTL) Logic Input Levels
• Pin Compatible With AM26LS31, MC3487, and
μA9638
• Cold Sparing for Space and High Reliability
Applications Requiring Redundancy
The SN55LVDS31, SN65LVDS31, SN65LVDS3487,
and SN65LVDS9638 are differential line drivers that
implement the electrical characteristics of low-voltage
differential
signaling
(LVDS).
This
signaling
technique lowers the output voltage levels of 5-V
differential standard levels (such as TIA/EIA-422B) to
reduce the power, increase the switching speeds,
and allow operation with a 3.3-V supply rail. Any of
the four current-mode drivers will deliver a minimum
differential output voltage magnitude of 247 mV into
a 100-
Ω load when enabled.
The intended application of these devices and
signaling
technique
is
both
point-to-point
and
multidrop (one driver and multiple receivers) data
transmission over controlled impedance media of
approximately 100
Ω. The transmission media may
be
printed-circuit
board
traces,
backplanes,
or
cables. The ultimate rate and distance of data
transfer
is
dependent
upon
the
attenuation
characteristics of the media and the noise coupling
to the environment.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SNJ55LVDS31FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55LVDS31FK TI-SNJ55LVDS31FK Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SNJ55LVDS31FK TI-SNJ55LVDS31FK Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNJ55LVDS31FK TI-SNJ55LVDS31FK Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNJ55LVDS31FK TI-SNJ55LVDS31FK Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SNJ55LVDS31FK TI-SNJ55LVDS31FK Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED DIFFRENTIAL LINE DRIVERS
More results

Similar Description - SNJ55LVDS31FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com