Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55LVDS31J Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55LVDS31J
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55LVDS31J Datasheet(HTML) 5 Page - Texas Instruments

  SNJ55LVDS31J Datasheet HTML 1Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 2Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 3Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 4Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 5Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 6Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 7Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 8Page - Texas Instruments SNJ55LVDS31J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
7 V
300 k
50
VCC
Input
VCC
5
7 V
Y or Z
Output
EQUIVALENT OF EACH A INPUT
EQUIVALENT OF G, G, 1,2EN OR 3,4EN INPUTS
TYPICAL OF ALL OUTPUTS
7 V
50
VCC
Input
10 k
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
VI
Input voltage range
–0.5 V to VCC + 0.5 V
Continuous total power dissipation
See Dissipation Rating Table
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages, except differential I/O bus voltages, are with respect to the network ground terminal.
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D (8)
725 mW
5.8 mW/
°C
464 mW
377 mW
D (16)
950 mW
7.6 mW/
°C
608 mW
494 mW
DGK
425 mW
3.4 mW/
°C
272 mW
221 mW
DGN(2)
2.14 W
17.1 mW/
°C
1.37 W
1.11 W
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
PW (16)
774 mW
6.2 mW/
°C
496 mW
402 mW
W
1000 mW
8.0 mW/
°C
640 mW
520 mW
200 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
The PowerPAD™ must be soldered to a thermal land on the printed-circuit board. See the application note PowerPAD Thermally
Enhanced Package (SLMA002).
5
Submit Documentation Feedback


Similar Part No. - SNJ55LVDS31J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55LVDS31J TI-SNJ55LVDS31J Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SNJ55LVDS31J TI-SNJ55LVDS31J Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNJ55LVDS31J TI-SNJ55LVDS31J Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNJ55LVDS31J TI-SNJ55LVDS31J Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SNJ55LVDS31J TI-SNJ55LVDS31J Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED DIFFRENTIAL LINE DRIVERS
More results

Similar Description - SNJ55LVDS31J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com