Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70GL02GP10FAIV20 Datasheet(PDF) 11 Page - SPANSION

Part # S70GL02GP10FAIV20
Description  2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL02GP10FAIV20 Datasheet(HTML) 11 Page - SPANSION

Back Button S70GL02GP10FAIV20 Datasheet HTML 6Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 7Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 8Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 9Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 10Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 11Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 12Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 13Page - SPANSION S70GL02GP10FAIV20 Datasheet HTML 14Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
December 4, 2006 S70GL-P_00_01
S70GL-P MirrorBit
TM Flash Family
9
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
7.
Common Flash Memory Interface
The Common Flash Interface (CFI) specification outlines device and host system software interrogation
handshake, which allows specific vendor-specified software algorithms to be used for entire families of
devices. Software support can then be device-independent, JEDEC ID-independent, and forward- and back-
ward-compatible for the specified flash device families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to address
55h any time the device is ready to read array data. The system can read CFI infomation at the addresses
given in Tables 7.2–7.4). All reads outside of the CFI address range, returns non-valid data. Reads from other
sectors are allowed, writes are not. To terminate reading CFI data, the system must write the reset command.
The system can also write the CFI query command when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read CFI data at the addresses given in Tables 7.2–7.4. The
system must write the reset command to return the device to reading array data.
The following is a C source code example of using the CFI Entry and Exit functions. Refer to the Spansion
Low Level Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash
memory software development guidelines.
/* Example: CFI Entry command */
*( (UINT16 *)base_addr + 0x55 ) = 0x0098;
/* write CFI entry command
*/
/* Example: CFI Exit command
*/
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0;
/* write cfi exit command
*/
For further information, please refer to the CFI Specification (see JEDEC publications JEP137-A and
JESD68.01and CFI Publication 100). Please contact your sales office for copies of these documents.
Table 7.1 CFI Query Identification String
Addresses (x16)
Addresses (x8)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)


Similar Part No. - S70GL02GP10FAIV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70GL02GP CYPRESS-S70GL02GP Datasheet
468Kb / 11P
   2 Gbit, 3V Page Mode S70GL-P MirrorBit짰 Flash
More results

Similar Description - S70GL02GP10FAIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com