|
| GMZJ2.0 |
|
||
|
PANJIT |
|
5 page
PAGE . 5 STAD-SEP.14.2004 Fig. 7 Forward Current vs. Forward Voltage Fig. 8 Z-Current vs. Z-Voltage 0 0.2 0.4 0.6 0.8 0.001 0.01 0.1 1 10 100 1.0 95 9605 VF – Forward Voltage(V) Tj=25°C 04 8 12 16 20 95 9604 0 20 40 60 80 100 VZ – Z-Voltage(V) Ptot=500mW Tamb=25°C Fig. 9 Z-Current vs. Z-Voltage Fig. 10 Differential Z-Resistance vs. Z-Voltage 15 20 25 30 0 10 20 30 40 50 VZ – Z-Voltage(V) 35 95 9607 Ptot=500mW Tamb=25°C 0 5 10 15 20 1 10 100 1000 VZ – Z-Voltage(V) 25 95 9606 Tj=25°C IZ=1mA 5mA 10mA 1 10 100 1000 tp – Pulse Length ( ms ) 95 9603 10–1 100 101 102 tp/T=0.5 tp/T=0.2 tp/T=0.1 tp/T=0.05 tp/T=0.02 tp/T=0.01 Single Pulse RthJA=300K/W T=Tjmax–Tamb iZM=(–VZ+(VZ2+4rzj T/Zthp)1/2)/(2rzj) x Fig. 11 Thermal Response |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CZRW55C2V4-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
| ZMD1 | Surface mount diode Zener silicon diodes | 1 | Semikron International |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| BZX584C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZM55-C2V4 | SURFACE MOUNT ZENER DIODES | 1 2 3 | Pan Jit International Inc. |
| BZX784C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| AZ23C2V4 | DUAL SURFACE MOUNT ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZM5221B | SURFACE MOUNT ZENER DIODES | 1 2 3 | Pan Jit International Inc. |
| 2BZX84C3V0_07 | Surface mount Silicon Planar Dual Zener Diodes | 1 2 | Diotec Semiconductor |
| MM3Z2V4_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |