Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EC8-TF25 Datasheet(PDF) 4 Page - Simtek Corporation

Part # STK14EC8-TF25
Description  512Kx8 Autostore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC8-TF25 Datasheet(HTML) 4 Page - Simtek Corporation

  STK14EC8-TF25 Datasheet HTML 1Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 2Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 3Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 4Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 5Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 6Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 7Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 8Page - Simtek Corporation STK14EC8-TF25 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Simtek Confidential
April, 2007
Document Control #ML0060 Rev 1.0
STK14EC8
Preliminary
AC TEST CONDITIONS
CAPACITANCEb
(TA = 25°C, f = 1.0MHz)
Note b:
These parameters are guaranteed but not tested.
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1 and 2
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
7
pF
ΔV = 0 to 3V
COUT
Output Capacitance
7
pF
ΔV = 0 to 3V
Figure 1
: AC Output Loading
577 Ohms
30 pF
789 Ohms
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
Figure 2
: AC Output Loading for Tristate Specs (tHZ, tLZ, tWLQZ, tWHQZ, tGLQX, tGHQZ)
577 Ohms
5 pF
789 Ohms
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE


Similar Part No. - STK14EC8-TF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8-TF25 SIMTEK-STK14EC8-TF25 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-TF25I SIMTEK-STK14EC8-TF25I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-TF25ITR SIMTEK-STK14EC8-TF25ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-TF25TR SIMTEK-STK14EC8-TF25TR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Similar Description - STK14EC8-TF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com