Electronic Components Datasheet Search |
|
KR5805S Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD. |
|
KR5805S Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD. |
11 / 12 page Single Color φ5 Flush Mount Round Shape Type KR5805S Page 11 Reliability Testing Result Failure Criteria Reliability Testing Result Applicable Standard Testing Conditions Duration Failure Room Temp. Operating Life EIAJ ED- 4701/100(101) Ta = 25℃, IF = Maxium Rated Current 1,000 h 0/25 Resistance to Soldering Heat EIAJ ED- 4701/300(302) 260±5℃, 1.6mm from package base 10s 0/25 Temperature Cycling EIAJ ED- 4701/100(105) Minimum Rated Storage Temperature(30min) ~Normal Temperature(15min) ~Maximum Rated Storage Temperature(30min) ~Normal Temperature(15min) 5 cycles 0/25 Wet High Temp. Storage Life EIAJ ED- 4701/100(103) Ta = 60±2℃, RH = 90±5% 1,000 h 0/25 High Temp. Storage Life EIAJ ED- 4701/200(201) Ta = Maximum Rated Storage Temperature 1,000 h 0/25 Low Temp. Storage Life EIAJ ED- 4701/200(202) Ta = Minimum Rated Storage Temperature 1,000 h 0/25 Lead Tension EIAJ ED- 4701/400(401) 10N,1time ( □ 0.4 and Flat Package : 5N) 10s 0/10 Vibration, Variable Frequency EIAJ ED- 4701/400(403) 98.1m/s 2 (10G), 100 ~ 2KHz sweep for 20min., XYZ each direction 2 h 0/10 Items Symbols Conditions Failure criteria Luminous Intensity Iv IF Value of each product Luminous Intensity Testing Min. Value < Spec. Min. Value x 0.5 Forward Voltage VF IF Value of each product Forward Voltage Testing Max. Value ≧ Spec. Max. Value x 1.2 Reverse Current IR VR = Maximum Rated Reverse Voltage V Testing Max. Value ≧ Spec. Max. Value x 2.5 Cosmetic Appearance - - Occurrence of notable decoloration, deformation and cracking 2007.8.31 |
Similar Part No. - KR5805S |
|
Similar Description - KR5805S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |