Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMZ11 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # GMZ11
Description  SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GMZ11 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  GMZ11 Datasheet HTML 1Page - Pan Jit International Inc. GMZ11 Datasheet HTML 2Page - Pan Jit International Inc. GMZ11 Datasheet HTML 3Page - Pan Jit International Inc. GMZ11 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-JAN.27.2004
r
e
b
m
u
N
t
r
a
P
S
S
A
L
C
V Z @IZT
Z
I
(m )
A
R
V
)
V
(
)
A
u
(
R
I
X
A
M
t
z
I
)
A
m
(
ZZT(
Ω)
X
A
M
IZK
(m )
A
ZZK(
Ω)
X
A
M
V
.
n
i
M
V
.
x
a
M
2
1
Z
M
G
A
3
1
.
1
1
1
7
.
1
1
0
1
0
.
9
2
.
0
0
1
2
1
5
.
0
0
1
1
B
4
4
.
1
1
3
0
.
2
1
C
4
7
.
1
1
5
3
.
2
1
3
1
Z
M
G
A
1
1
.
2
1
5
7
.
2
1
0
1
0
1
2
.
0
0
1
4
1
5
.
0
0
1
1
B
5
5
.
2
1
1
2
.
3
1
C
9
9
.
2
1
6
6
.
3
1
5
1
Z
M
G
A
4
4
.
3
1
3
1
.
4
1
0
1
1
1
2
.
0
0
1
6
1
5
.
0
0
1
1
B
9
8
.
3
1
2
6
.
4
1
C
5
3
.
4
1
9
0
.
5
1
6
1
Z
M
G
A
0
8
.
4
1
7
5
.
5
1
0
1
2
1
2
.
0
0
1
8
1
5
.
0
0
5
1
B
5
2
.
5
1
4
0
.
6
1
C
9
6
.
5
1
1
5
.
6
1
8
1
Z
M
G
A
2
2
.
6
1
6
0
.
7
1
0
1
3
1
2
.
0
0
1
3
2
5
.
0
0
5
1
B
2
8
.
6
1
0
7
.
7
1
C
2
4
.
7
1
3
3
.
8
1
0
2
Z
M
G
A
2
0
.
8
1
6
9
.
8
1
0
1
5
1
2
.
0
0
1
8
2
5
.
0
0
0
2
B
3
6
.
8
1
9
5
.
9
1
C
3
2
.
9
1
2
2
.
0
2
D
2
7
.
9
1
2
7
.
0
2
2
2
Z
M
G
A
5
1
.
0
2
0
2
.
1
2
5
7
1
2
.
0
5
0
3
5
.
0
0
0
2
B
4
6
.
0
2
1
7
.
1
2
C
8
0
.
1
2
7
1
.
2
2
D
2
5
.
1
2
3
6
.
2
2
4
2
Z
M
G
A
5
0
.
2
2
8
1
.
3
2
5
9
1
2
.
0
5
5
3
5
.
0
0
0
2
B
1
6
.
2
2
7
7
.
3
2
C
2
1
.
3
2
1
3
.
4
2
D
3
6
.
3
2
5
8
.
4
2
7
2
Z
M
G
A
6
2
.
4
2
2
5
.
5
2
5
1
2
2
.
0
5
5
4
5
.
0
0
5
2
B
7
9
.
4
2
6
2
.
6
2
C
3
6
.
5
2
5
9
.
6
2
D
9
2
.
6
2
4
6
.
7
2
0
3
Z
M
G
A
9
9
.
6
2
9
3
.
8
2
5
3
2
2
.
0
5
5
5
5
.
0
0
5
2
B
0
7
.
7
2
3
1
.
9
2
C
6
3
.
8
2
2
8
.
9
2
D
2
0
.
9
2
1
5
.
0
3
3
3
Z
M
G
A
8
6
.
9
2
2
2
.
1
3
5
5
2
2
.
0
5
5
6
5
.
0
0
5
2
B
2
3
.
0
3
8
8
.
1
3
C
0
9
.
0
3
0
5
.
2
3
D
9
4
.
1
3
1
1
.
3
3
6
3
Z
M
G
A
4
1
.
2
3
9
7
.
3
3
5
7
2
2
.
0
5
5
7
5
.
0
0
5
2
B
9
7
.
2
3
9
4
.
4
3
C
0
4
.
3
3
3
1
.
5
3
D
1
0
.
4
3
7
7
.
5
3
9
3
Z
M
G
A
8
6
.
4
3
7
4
.
6
3
5
0
3
2
.
0
5
5
8
5
.
0
0
5
2
B
6
3
.
5
3
9
1
.
7
3
C
0
0
.
6
3
5
8
.
7
3
D
3
6
.
6
3
2
5
.
8
3
3
4
Z
M
G
0
0
.
0
4
0
0
.
5
4
5
3
3
2
.
0
5
0
9
-
-
7
4
Z
M
G
0
0
.
4
4
0
0
.
9
4
5
6
3
2
.
0
5
0
9
-
-
1
5
Z
M
G
0
0
.
8
4
0
0
.
4
5
5
9
3
2
.
0
5
0
1
1
-
-
6
5
Z
M
G
0
0
.
3
5
0
0
.
0
6
5
3
4
2
.
0
5
0
1
1
-
-


Similar Part No. - GMZ11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMZAN3 ETC1-GMZAN3 Datasheet
556Kb / 53P
   XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
GMZAN3L ETC1-GMZAN3L Datasheet
556Kb / 53P
   XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
GMZAN3T ETC1-GMZAN3T Datasheet
556Kb / 53P
   XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
GMZJ10 RECTRON-GMZJ10 Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
More results

Similar Description - GMZ11

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com